Electronic Components Datasheet Search
  English  ▼

X  

74HC241DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC241DB
Description  Octal buffer/line driver; 3-state
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC241DB Datasheet(HTML) 6 Page - NXP Semiconductors

  74HC241DB Datasheet HTML 1Page - NXP Semiconductors 74HC241DB Datasheet HTML 2Page - NXP Semiconductors 74HC241DB Datasheet HTML 3Page - NXP Semiconductors 74HC241DB Datasheet HTML 4Page - NXP Semiconductors 74HC241DB Datasheet HTML 5Page - NXP Semiconductors 74HC241DB Datasheet HTML 6Page - NXP Semiconductors 74HC241DB Datasheet HTML 7Page - NXP Semiconductors 74HC241DB Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
September 1993
6
Philips Semiconductors
Product specification
Octal buffer/line driver; 3-state
74HC/HCT241
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below.
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
1An
2An
1OE
2OE
0.70
0.70
0.70
1.50
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ. max. min.
max.
min.
max.
tPHL/ tPLH
propagation delay
1An to 1Yn;
2An to 2Yn
13
22
28
33
ns
4.5
Fig.5
tPZH/ tPZL
3-state output enable time
1OE to 1Yn;
2OE to 2Yn
15
30
38
45
ns
4.5
Fig.6
tPHZ/ tPLZ
3-state output disable time
1OE to 1Yn;
2OE to 2Yn
18
30
38
45
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
5
12
15
18
ns
4.5
Fig.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com