Electronic Components Datasheet Search
  English  ▼

X  

74HC258 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC258
Description  Quad 2-input multiplexer; 3-state; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC258 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC258 Datasheet HTML 1Page - NXP Semiconductors 74HC258 Datasheet HTML 2Page - NXP Semiconductors 74HC258 Datasheet HTML 3Page - NXP Semiconductors 74HC258 Datasheet HTML 4Page - NXP Semiconductors 74HC258 Datasheet HTML 5Page - NXP Semiconductors 74HC258 Datasheet HTML 6Page - NXP Semiconductors 74HC258 Datasheet HTML 7Page - NXP Semiconductors 74HC258 Datasheet HTML 8Page - NXP Semiconductors 74HC258 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1999 Sep 02
2
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state; inverting
74HC/HCT258
FEATURES
• Inverting data path
• 3-state outputs interface directly with system bus
• Output capability: bus driver
• ICC category: MSI.
GENERAL DESCRIPTION
The 74HC/HCT258 are high-speed Si-gate CMOS devices
and are pin compatible with Low power Schottky TTL
(LSTTL). They are specified in compliance with JEDEC
standard no. 7A.
The 74HC/HCT258 have four identical 2-input multiplexers
with 3-state outputs, which select 4 bits of data from two
sources and are controlled by a common data select
input (S).
The data inputs from source 0 (1I0 to 4I0) are selected
when input S is LOW and the data inputs from source 1
(1I1 to 4I1) are selected when S is HIGH.
Data appears at the outputs (1Yto4Y) in inverted form
from the select inputs.
The ‘258’ is the logic implementation of a 4-pole, 2-position
switch, where the position of the switch is determined by
the logic levels applied to S. The outputs are forced to a
high impedance OFF-state when OE is HIGH.
The logic equations for the outputs are:
The ‘258’ is identical to the ‘257’ but has inverting outputs.
1Y
OE
1I
1
S
×
1I
0
S
×
+
()
×
=
2Y
OE
2I
1
S
×
2I
0
S
×
+
()
×
=
3Y
OE
3I
1
S
×
3I
0
S
×
+
()
×
=
4Y
OE
4I
1
S
×
4I
0
S
×
+
()
×
=
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf = 6 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
∑ (CL × VCC2 × fo) = sum of outputs;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
2. For HC the condition is VI = GND to VCC;
For HCT the condition is VI = GND to VCC − 1.5 V.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/tPLH
propagation delay
CL = 15 pF;
VCC =5V
nI0,nI1 to nY
9
13
ns
StonY
1416ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per multiplexer
notes 1 and 2
55
38
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com