Electronic Components Datasheet Search
  English  ▼

X  

MAX6469 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6469
Description  Evaluation Kit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6469 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6469 Datasheet HTML 1Page - Maxim Integrated Products MAX6469 Datasheet HTML 2Page - Maxim Integrated Products MAX6469 Datasheet HTML 3Page - Maxim Integrated Products MAX6469 Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Detailed Description
The MAX6470 EV kit is a fully assembled surface-mount
circuit board that contains the MAX6470 low-dropout
linear voltage regulator. The circuit operates with a 3.6V
to 5.5V supply range and is preset for an output voltage
of 3.3V. The EV kit can supply up to 300mA of load cur-
rent. At an output of 3.3V and 300mA load current, the
maximum dropout voltage is 114mV. The preset output
voltage can be adjusted by reconfiguring the feedback
circuitry on the board.
The MAX6470 EV kit board can evaluate the
MAX6469–MAX6476 low-dropout linear regulators in
SOT23 or QFN packages with the preset output volt-
ages ranging from 1.5V to 3.3V in 100mV increments.
These devices consume only 82µA (typ) of supply cur-
rent while providing up to 300mA of output current.
Adjusting the Output Voltage
VOUT can be adjusted by cutting open the trace across
resistor R2 and installing feedback resistors R1 and R2.
The equation to adjust the output voltage is the following:
VOUT = VSET(1 + (R1/R2))
where VSET = 1.23V
Resistor R2 must be 50k
Ω or less to maintain stability,
accuracy, and high-frequency power-supply rejection.
VOUT can be adjusted from 1.23V (VSET) to 5V.
Shutdown Input
The EV kit features a logic SHDN input that allows the
regulator to shut down, thus reducing the total input
current consumption of the device. In shutdown mode,
the pass transistor, control circuit, reference, and all
biases are turned off, reducing the supply current to
below 1µA. Jumper JU1 can be used to shutdown or
enable the linear regulator. See Table 1 for jumper JU1
configurations.
Reset Output
The microprocessor supervisory reset circuitry is fully
integrated into the MAX6470UT_ _BD3 ICs. The open-
drain RESET output asserts a logic low when VOUT is
12.5% below the nominal voltage output. The circuit
also asserts the RESET output during power-up, power-
down, and brownout conditions. Jumper JU2 is provid-
ed to pull the RESET signal up to VOUT or to an external
voltage connected to the VREF pad. See Table 2 for
jumper JU2 configuration.
PC Board Dual Circuitry
The MAX6470 PC board accommodates the
MAX6469–MAX6476 ICs in both a 6-pin SOT23 pack-
age and an 8-pin QFN package. The MAX6470 board
layout features the dual circuitry in parallel. The SOT23
circuit is populated and fully functional. The QFN circuit
is left unpopulated of all components. The two PC
board circuits share all the input and output connec-
tions except for the resistor feedback networks.
To evaluate the IC in the QFN package, remove the lin-
ear regulator U1 and install the QFN package on the U2
PC board pad. The preset output can now be evaluated.
If the output voltage needs to be adjusted, cut the trace
on R5 and install resistors R4 and R5 to configure the
desired output voltage at VOUT. It is recommended that
capacitors C1 and C2 be removed and capacitors C3
and C4 be installed to reduce trace impedance from the
input and output connections. Output capacitors C3 and
C4 must be low-ESR components. It is also recom-
mended for capacitor C4 to be a minimum of 3.3µF.
Additional Features
The MAX6469–MAX6476 ICs are similar but do differ in
their pinout configurations. For specific pinout informa-
tion, refer to the MAX6469–MAX6476 data sheet.
MAX6470 Evaluation Kit
2
_______________________________________________________________________________________
SHUNT
LOCATION
SHDN PIN
EV KIT
OPERATION
1 and 2
Connected to VIN
U1 enabled
2 and 3
Connected to GND
Shutdown mode
None
Connected to
external controller
External controller
sets mode
Table 1. Jumper JU1
SHUNT LOCATION
EV KIT OPERATION
1 and 2
RESET logic high = VOUT
2 and 3
RESET logic high = external VREF
Table 2. Jumper JU2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com