Electronic Components Datasheet Search
  English  ▼

X  

74HC245DB Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC245DB
Description  Octal bus transceiver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC245DB Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC245DB Datasheet HTML 6Page - NXP Semiconductors 74HC245DB Datasheet HTML 7Page - NXP Semiconductors 74HC245DB Datasheet HTML 8Page - NXP Semiconductors 74HC245DB Datasheet HTML 9Page - NXP Semiconductors 74HC245DB Datasheet HTML 10Page - NXP Semiconductors 74HC245DB Datasheet HTML 11Page - NXP Semiconductors 74HC245DB Datasheet HTML 12Page - NXP Semiconductors 74HC245DB Datasheet HTML 13Page - NXP Semiconductors 74HC245DB Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
9397 750 14502
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
10 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
11. Dynamic characteristics
ICC
quiescent supply current
VI =VCC or GND; IO =0A;
VCC = 5.5 V
-
-
160
µA
∆ICC
additional quiescent supply
current per input pin
VI =VCC − 2.1 V; other inputs at
VI =VCC or GND;
VCC = 4.5 V to 5.5 V; IO =0A
An or Bn inputs
-
-
196
µA
OE input
-
-
735
µA
DIR input
-
-
441
µA
Table 8:
Static characteristics type 74HCT245 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 9:
Dynamic characteristics type 74HC245
GND = 0 V; test circuit see Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay An to Bn or Bn
to An
see Figure 5
VCC = 2.0 V
-
25
90
ns
VCC = 4.5 V
-
9
18
ns
VCC = 5.0 V; CL =15pF
-
7
-
ns
VCC = 6.0 V
-
7
15
ns
tPZH, tPZL
3-state output enable time OE to
An or OE to Bn
see Figure 6
VCC = 2.0 V
-
30
150
ns
VCC = 4.5 V
-
11
30
ns
VCC = 6.0 V
-
9
26
ns
tPHZ, tPLZ
3-state output disable time OE to
An or OE to Bn
see Figure 6
VCC = 2.0 V
-
41
150
ns
VCC = 4.5 V
-
15
30
ns
VCC = 6.0 V
-
12
26
ns
tTHL, tTLH
output transition time
see Figure 5
VCC = 2.0 V
-
14
60
ns
VCC = 4.5 V
-
5
12
ns
VCC = 6.0 V
-
4
10
ns
CPD
power dissipation capacitance
per transceiver
VI = GND to VCC
[1] -30
-
pF
Tamb = −40 °C to +85 °C
tPHL, tPLH
propagation delay An to Bn or Bn
to An
see Figure 5
VCC = 2.0 V
-
-
115
ns
VCC = 4.5 V
-
-
23
ns
VCC = 6.0 V
-
-
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com