Electronic Components Datasheet Search
  English  ▼

X  

M61533FP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M61533FP
Description  4ch Electronic Volume with AGC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M61533FP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M61533FP Datasheet HTML 1Page - Renesas Technology Corp M61533FP Datasheet HTML 2Page - Renesas Technology Corp M61533FP Datasheet HTML 3Page - Renesas Technology Corp M61533FP Datasheet HTML 4Page - Renesas Technology Corp M61533FP Datasheet HTML 5Page - Renesas Technology Corp M61533FP Datasheet HTML 6Page - Renesas Technology Corp M61533FP Datasheet HTML 7Page - Renesas Technology Corp M61533FP Datasheet HTML 8Page - Renesas Technology Corp M61533FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
M61533FP
Rev.1.0, Sep.19.2003, page 3 of 12
Pin Description
Pin No.
Name
Function
1
SLIN
SLch volume input pin
2
N.C.
N.C.
3
N.C.
N.C.
4
SRIN
SRch volume input pin
5
CIN
Cch volume input pin
6
SWIN
SWch volume input pin
7
VCC
Power supply (Typ:9V)
8
DATA
Input pin of Control data
9
CLOCK
Input pin of Control clock
10
GND
Ground
11
AGC
Attack/Recovery time control pin (by capacitor)
12
SWLPF1
SWch LPF (connected with resistance and capacitor)
13
COUT
Cch output pin
14
SROUT
SRch output pin
15
SLOUT
SLch output pin
16
REFOUT
Vref output pin
17
REFIN
Vref input pin
18
SWOUT
SWch output pin
19
N.C.
N.C.
20
SWLPF2
SWch LPF (connected with resistance and capacitor)
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Condition
Power Supply
Vcc
10.5
V
Power dissipation
Pd
648
mW
Ta
≤ 25°C
Thermal derating
K
θ
6.48
mW/
°C
Ta > 25
°C
Operating temperature
Topr
−20 to 75
°C
Storage temperature
Tstg
−40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com