Electronic Components Datasheet Search
  English  ▼

X  

74HC259DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC259DB
Description  8-bit addressable latch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC259DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC259DB Datasheet HTML 3Page - NXP Semiconductors 74HC259DB Datasheet HTML 4Page - NXP Semiconductors 74HC259DB Datasheet HTML 5Page - NXP Semiconductors 74HC259DB Datasheet HTML 6Page - NXP Semiconductors 74HC259DB Datasheet HTML 7Page - NXP Semiconductors 74HC259DB Datasheet HTML 8Page - NXP Semiconductors 74HC259DB Datasheet HTML 9Page - NXP Semiconductors 74HC259DB Datasheet HTML 10Page - NXP Semiconductors 74HC259DB Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
December 1990
9
Philips Semiconductors
Product specification
8-bit addressable latch
74HC/HCT259
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 TO +85 −40 TO +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
D to Qn
23
39
49
59
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
An to Qn
25
41
51
62
ns
4.5
Fig.8
tPHL/ tPLH
propagation delay
LE to Qn
22
38
48
57
ns
4.5
Fig.6
tPHL
propagation delay
MR to Qn
23
39
49
59
ns
4.5
Fig.9
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Figs 6 and 7
tW
LE pulse width
LOW
19
11
24
29
ns
4.5
Fig.6
tW
MR pulse width
LOW
18
10
23
27
ns
4.5
Fig.9
tsu
set-up time
D to LE
17
10
21
26
ns
4.5
Fig.10
tsu
set-up time
An to LE
17
10
21
26
ns
4.5
Fig.11
th
hold time
D to LE
0
−8
0
0
ns
4.5
Fig.10
th
hold time
An to LE
0
−4
0
0
ns
4.5
Fig.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com