Electronic Components Datasheet Search
  English  ▼

X  

74HCT245D Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HCT245D
Description  Octal bus transceiver; 3-state
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT245D Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HCT245D Datasheet HTML 9Page - NXP Semiconductors 74HCT245D Datasheet HTML 10Page - NXP Semiconductors 74HCT245D Datasheet HTML 11Page - NXP Semiconductors 74HCT245D Datasheet HTML 12Page - NXP Semiconductors 74HCT245D Datasheet HTML 13Page - NXP Semiconductors 74HCT245D Datasheet HTML 14Page - NXP Semiconductors 74HCT245D Datasheet HTML 15Page - NXP Semiconductors 74HCT245D Datasheet HTML 16Page - NXP Semiconductors 74HCT245D Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
9397 750 14502
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 31 January 2005
13 of 22
Philips Semiconductors
74HC245; 74HCT245
Octal bus tranceiver; 3-state
12. Waveforms
Measurement points are given in Table 11.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 5.
Input (An, Bn) to output (Bn, An) propagation delays and output transition times
Measurement points are given in Table 11.
VOL and VOH are typical voltage output drop that occur with the output load.
Fig 6.
3-state output enable and disable times
Table 11:
Measurement points
Type
Input
Output
VM
VM
74HC245
0.5VCC
0.5VCC
74HCT245
1.3 V
1.3 V
001aac433
tPLH
tPHL
VM
VM
90 %
10 %
VM
VM
Bn, An output
An, Bn input
VI
GND
VOH
VOL
tTLH
tTHL
001aac479
tPLZ
tPHZ
outputs
disabled
outputs
enabled
90 %
10 %
outputs
enabled
OE input
VI
VCC
VOL
VOH
GND
GND
VM
tPZL
tPZH
VM
VM
output
LOW-to-OFF
OFF-to-LOW
output
HIGH-to-OFF
OFF-to-HIGH
tr
tf
90 %
10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com