Electronic Components Datasheet Search
  English  ▼

X  

TC1266 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1266
Description  200mA PCI LDO
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1266 Datasheet(HTML) 4 Page - Microchip Technology

  TC1266 Datasheet HTML 1Page - Microchip Technology TC1266 Datasheet HTML 2Page - Microchip Technology TC1266 Datasheet HTML 3Page - Microchip Technology TC1266 Datasheet HTML 4Page - Microchip Technology TC1266 Datasheet HTML 5Page - Microchip Technology TC1266 Datasheet HTML 6Page - Microchip Technology TC1266 Datasheet HTML 7Page - Microchip Technology TC1266 Datasheet HTML 8Page - Microchip Technology TC1266 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1266
DS21377B-page 4
© 2002 Microchip Technology Inc.
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
FIGURE 3-1:
APPLICATION CIRCUIT
Pin No.
(8-Pin SOIC)
(8-Pin MSOP)
Symbol
Description
1VIN
Main input supply for the TC1266, nominally 5V.
2
NC
Not connected.
3VAUX
Auxiliary input supply, nominally 3.3V.
4
GND
Logic and power ground.
5
NC
Not connected.
6
SENSE
Sense pin for VOUT.Connect to VOUT at theloadtominimizevoltage drop across PCB traces.
7VOUT
LDO 3.3V output.
8DR
Driver output for external P-channel MOSFET pass element.
VIN
NC
VAUX
GND
NC
SENSE
VOUT
DR
U1
TC1266
1
2
3
4
5
6
7
8
NOTE: External switch (Q1): use Motorola MGSF1P02ELT1 or equivalent
(PMOS, typical Gate Threshold Voltage = 1V, typical RDS(ON) = 0.4Ω at VGS = 2.5V)
5V
3.3V
Q1
C1
0.1
µF
C2
4.7
µF
C3
0.1
µF
C4
4.7
µF
C5
0.1
µF
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com