Electronic Components Datasheet Search
  English  ▼

X  

74HC258DB Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC258DB
Description  Quad 2-input multiplexer; 3-state; inverting
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC258DB Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC258DB Datasheet HTML 2Page - NXP Semiconductors 74HC258DB Datasheet HTML 3Page - NXP Semiconductors 74HC258DB Datasheet HTML 4Page - NXP Semiconductors 74HC258DB Datasheet HTML 5Page - NXP Semiconductors 74HC258DB Datasheet HTML 6Page - NXP Semiconductors 74HC258DB Datasheet HTML 7Page - NXP Semiconductors 74HC258DB Datasheet HTML 8Page - NXP Semiconductors 74HC258DB Datasheet HTML 9Page - NXP Semiconductors 74HC258DB Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1999 Sep 02
6
Philips Semiconductors
Product specification
Quad 2-input multiplexer; 3-state; inverting
74HC/HCT258
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see chapter
“HCMOS family characteristics”, section “Family specifications”.
Output capability: bus driver.
ICC category: MSI.
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in Table 1.
Table 1
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF.
INPUT
UNIT LOAD COEFFICIENT
nI0
0.50
nI1
0.50
OE
1.50
S
1.50
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
25
−40 to +85
−40 to +125
VCC
(V)
WAVEFORMS
MIN.
TYP.
MAX.
MIN.
MAX.
MIN.
MAX.
tPHL/tPLH
propagation delay;
nI0 to nY; nI1 to nY
−
16
27
−
34
−
41
ns
4.5
see Fig.6
propagation delay;
StonY
−
19
34
−
43
−
51
ns
4.5
see Fig.6
tPZH/tPZL
3-state output enable
time; OE to nY
−
18
30
−
38
−
45
ns
4.5
see Fig.7
tPHZ/tPLZ
3-state output disable
time; OE to nY
−
17
30
−
38
−
45
ns
4.5
see Fig.7
tTHL/tTLH
output transition time
−
512
−
15
−
18
ns
4.5
see Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com