Electronic Components Datasheet Search
  English  ▼

X  

74HC299 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC299
Description  8-bit universal shift register; 3-state
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC299 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC299 Datasheet HTML 1Page - NXP Semiconductors 74HC299 Datasheet HTML 2Page - NXP Semiconductors 74HC299 Datasheet HTML 3Page - NXP Semiconductors 74HC299 Datasheet HTML 4Page - NXP Semiconductors 74HC299 Datasheet HTML 5Page - NXP Semiconductors 74HC299 Datasheet HTML 6Page - NXP Semiconductors 74HC299 Datasheet HTML 7Page - NXP Semiconductors 74HC299 Datasheet HTML 8Page - NXP Semiconductors 74HC299 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
December 1990
3
Philips Semiconductors
Product specification
8-bit universal shift register; 3-state
74HC/HCT299
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
1, 19
S0, S1
mode select inputs
2, 3
OE1, OE2
3-state output enable inputs (active LOW)
7, 13, 6, 14, 5, 15, 4, 16
I/O0 to I/O7
parallel data inputs or 3-state parallel outputs (bus driver)
8, 17
Q0, Q7
serial outputs (standard output)
9
MR
asynchronous master reset input (active LOW)
10
GND
ground (0 V)
11
DSR
serial data shift-right input
12
CP
clock input (LOW-to-HIGH, edge-triggered)
18
DSL
serial data shift-left input
20
VCC
positive supply voltage
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com