Electronic Components Datasheet Search
  English  ▼

X  

AM68AX Datasheet(PDF) 194 Page - Texas Instruments

Part # AM68AX
Description  AM68Ax Processors, Silicon Revision 1.0
PDF  251 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM68AX Datasheet(HTML) 194 Page - Texas Instruments

Back Button AM68AX Datasheet HTML 190Page - Texas Instruments AM68AX Datasheet HTML 191Page - Texas Instruments AM68AX Datasheet HTML 192Page - Texas Instruments AM68AX Datasheet HTML 193Page - Texas Instruments AM68AX Datasheet HTML 194Page - Texas Instruments AM68AX Datasheet HTML 195Page - Texas Instruments AM68AX Datasheet HTML 196Page - Texas Instruments AM68AX Datasheet HTML 197Page - Texas Instruments AM68AX Datasheet HTML 198Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 251 page
background image
7.10.5.15 MCASP
For more details about features and additional description information on the device Multichannel Audio Serial
Port, see the corresponding sections within Section 6.3 and Detailed Description.
Table 7-48 and Figure 7-71 present timing requirements for MCASP0 to MCASP11.
Table 7-47 represents MCASP timing conditions.
Table 7-47. MCASP Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
0.7
5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
1
10
pF
PCB CONNECTIVITY REQUIREMENTS
td(Trace Delay)
Propagation delay of each trace
100
1100
ps
td(Trace Mismatch Delay)
Propagation delay mismatch across all traces
100
ps
Table 7-48. MCASP Timing Requirements
NO.
MODE(1)
MIN
MAX UNIT
ASP1 tc(AHCLKRX)
Cycle time, MCASP[x]_AHCLKR/X
15.26
ns
ASP2 tw(AHCLKRX)
Pulse duration, MCASP[x]_AHCLKR/X high or low
0.5P(2) -
1.53
ns
ASP3 tc(ACLKRX)
Cycle time, MCASP[x]_ACLKR/X
15.26
ns
ASP4 tw(ACLKRX)
Pulse duration, MCASP[x]_ACLKR/X high or low
0.5R(3) -
1.53
ns
ASP5 tsu(AFSRX-ACLKRX)
Setup time, MCASP[x]_AFSR/X input valid before
MCASP[x]_ACLKR/X
ACLKR/X int
12.3
ns
ACLKR/X ext in/out
4
ASP6 th(ACLKRX-AFSRX)
Hold time, MCASP[x]_AFSR/X input valid after
MCASP[x]_ACLKR/X
ACLKR/X int
–1
ns
ACLKR/X ext in/out
1.6
ASP7 tsu(AXR-ACLKRX)
Setup time, MCASP[x]_AXR input valid before
MCASP[x]_ACLKR/X
ACLKR/X int
12.3
ns
ACLKR/X ext in/out
4
ASP8 th(ACLKRX-AXR)
Hold time, MCASP[x]_AXR input valid after
MCASP[x]_ACLKR/X
ACLKR/X int
-1
ns
ACLKR/X ext in/out
1.6
(1)
ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2)
P = AHCLKR/X period in ns.
(3)
R = ACLKR/X period in ns.
AM68A
SPRSP91 – FEBRUARY 2023
www.ti.com
194
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AM68A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com