Electronic Components Datasheet Search
  English  ▼

X  

TLV709 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLV709
Description  TLV709 150-mA, 30-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV709 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLV709 Datasheet HTML 13Page - Texas Instruments TLV709 Datasheet HTML 14Page - Texas Instruments TLV709 Datasheet HTML 15Page - Texas Instruments TLV709 Datasheet HTML 16Page - Texas Instruments TLV709 Datasheet HTML 17Page - Texas Instruments TLV709 Datasheet HTML 18Page - Texas Instruments TLV709 Datasheet HTML 19Page - Texas Instruments TLV709 Datasheet HTML 20Page - Texas Instruments TLV709 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
TJ = TB + ψJB × PD
(10)
where:
• TB is the PCB surface temperature measured 1 mm from the device package and centered on the package
edge
For detailed information on the thermal metrics and how to use them, see the Semiconductor and IC Package
Thermal Metrics application note.
8.3 Best Design Practices
Place at least one 0.47-µF capacitor as close as possible to the OUT and GND pins of the regulator.
Do not connect the output capacitor to the regulator using a long, thin trace.
Connect an input capacitor as close as possible to the IN and GND pins of the regulator for best performance.
Do not exceed the absolute maximum ratings.
8.4 Power Supply Recommendations
The TLV709 is designed to operate from an input voltage supply range between 2.5 V and 30 V. The input
voltage range provides adequate headroom in order for the device to have a regulated output. If the input supply
is noisy, additional input capacitors with low ESR can help improve the output noise performance.
8.5 Layout
8.5.1 Layout Guidelines
For best overall performance, place all circuit components on the same side of the printed circuit board (PCB)
and as near as practical to the respective LDO pin connections. Place ground return connections for the input
and output capacitors as close to the GND pin as possible, using wide, component-side, copper planes. Do
not use vias and long traces to create LDO circuit connections to the input capacitor, output capacitor, or the
resistor divider because this practice negatively affects system performance. This grounding and layout scheme
minimizes inductive parasitics, and thereby reduces load current transients, minimizes noise, and increases
circuit stability. A ground reference plane is also recommended and is either embedded in the PCB or located
on the bottom side of the PCB opposite the components. This reference plane serves to assure accuracy of the
output voltage and shield the LDO from noise.
8.5.1.1 Power Dissipation
To ensure reliable operation, worst-case junction temperature must not exceed 125°C. This restriction limits the
power dissipation the regulator can handle in any given application. To ensure the junction temperature is within
acceptable limits, calculate the maximum allowable dissipation, PD(max), and the actual dissipation, PD, which
must be less than or equal to PD(max).
Equation 11 determines the maximum-power-dissipation limit:
J
A
D(max)
JA
T max T
P
R
q
-
=
(11)
where:
• TJmax is the maximum allowable junction temperature
• RθJA is the thermal resistance junction-to-ambient for the package (see the Thermal Informationtable)
• TA is the ambient temperature
Equation 12 calculates the regulator dissipation:
D
IN
OUT
OUT
P
(V
V
) I
=
-
´
(12)
www.ti.com
TLV709
SLVSGU2 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TLV709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com