Electronic Components Datasheet Search
  English  ▼

X  

LM239ADE4 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM239ADE4
Description  LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM239ADE4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM239ADE4 Datasheet HTML 10Page - Texas Instruments LM239ADE4 Datasheet HTML 11Page - Texas Instruments LM239ADE4 Datasheet HTML 12Page - Texas Instruments LM239ADE4 Datasheet HTML 13Page - Texas Instruments LM239ADE4 Datasheet HTML 14Page - Texas Instruments LM239ADE4 Datasheet HTML 15Page - Texas Instruments LM239ADE4 Datasheet HTML 16Page - Texas Instruments LM239ADE4 Datasheet HTML 17Page - Texas Instruments LM239ADE4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
7.18 Typical Characteristics for LM339B and LM2901B Only
TA = 25°C, VS = 5 V, RPULLUP = 5.1k, CL = 15 pF, VCM = 0 V, VUNDERDRIVE = 100 mV, VOVERDRIVE = 100 mV unless otherwise
noted.
Supply Voltage (V)
2 4 6 8 10 12 14 16 18 20 22 24 26 28 30 32 34 36
400
500
600
700
800
900
1000
1100
No Load, Output High
-40°C
25°C
85°C
125°C
Figure 7-1. Total Supply Current vs. Supply Voltage
Input Voltage (V)
-0.5 -0.25
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
100
200
300
400
500
600
700
800
900
1000
VS=3V
-40°C
0°C
25°C
85°C
125°C
Figure 7-2. Total Supply Current vs. Input Voltage at 3V
Input Voltage (V)
-0.5 -0.25
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
100
200
300
400
500
600
700
800
900
1000
VS=3.3V
-40°C
0°C
25°C
85°C
125°C
Figure 7-3. Total Supply Current vs. Input Voltage at 3.3V
Input Voltage (V)
-0.5 -0.25
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
100
200
300
400
500
600
700
800
900
1000
VS=3V
VS=12V
VS=5V
-40°C
0°C
25°C
85°C
125°C
Figure 7-4. Total Supply Current vs. Input Voltage at 5V
Input Voltage (V)
-1
0
1
2
3
4
5
6
7
8
9
10
11
100
200
300
400
500
600
700
800
900
1000
VS=12V
-40°C
0°C
25°C
85°C
125°C
Figure 7-5. Total Supply Current vs. Input Voltage at 12V
Input Voltage (V)
0
3
6
9
12
15
18
21
24
27
30
33
36
200
300
400
500
600
700
800
900
1000
1100
VS=36V
-40°C
0°C
25°C
85°C
125°C
Figure 7-6. Total Supply Current vs. Input Voltage at 36V
LM139, LM239, LM339, LM339B, LM139A, LM239A
LM339A, LM2901B, LM2901, LM2901AV, LM2901V
SLCS006V – OCTOBER 1979 – REVISED DECEMBER 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LM139 LM239 LM339 LM339B LM139A LM239A LM339A LM2901B LM2901 LM2901AV
LM2901V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com