Electronic Components Datasheet Search
  English  ▼

X  

LPS22HH Datasheet(PDF) 35 Page - STMicroelectronics

Part # LPS22HH
Description  High-performance MEMS nano pressure sensor: 260-1260 hPa absolute digital output barometer
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS22HH Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LPS22HH Datasheet HTML 31Page - STMicroelectronics LPS22HH Datasheet HTML 32Page - STMicroelectronics LPS22HH Datasheet HTML 33Page - STMicroelectronics LPS22HH Datasheet HTML 34Page - STMicroelectronics LPS22HH Datasheet HTML 35Page - STMicroelectronics LPS22HH Datasheet HTML 36Page - STMicroelectronics LPS22HH Datasheet HTML 37Page - STMicroelectronics LPS22HH Datasheet HTML 38Page - STMicroelectronics LPS22HH Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
DocID030890 Rev 2
35/59
LPS22HH
Digital interfaces
59
7.5
I²C/MIPI I3CSM coexistence in LPS22HH
In the LPS22HH, the SDA and SCL lines are common to both I²C and MIPI I3CSM. The I²C
bus requires anti-spike filters on the SDA and SCL pins that are not compatible with MIPI
I3CSM timing.
The device can be connected to both I²C and MIPI I3CSM or only to the MIPI I3CSM bus
depending on the connection of the INT1 pin when the device is powered up:
INT_DRDY pin floating (internal pull-down): I²C/MIPI I3CSM both active, see Figure 22
I²C case: INT_DRDY pin is by default an input with pull-down. If I²C is used,
INT_DRDY must be left unconnected or eventually pulled down during device
initialization. After power-on, during device configuration, the INT_DRDY pin can
be programmed as an interrupt output pin and it is recommended to set bit
I3C_disable to '1'.
I3C case: INT_DRDY pin is by default an input with pull-down. If I3C is used and
the INT_DRDY pin is unconnected, dynamic address assignment must be
performed using I²C Fast Mode Plus Timing (max 1 MHz clock). After dynamic
address assignment, I3C can be used in full speed mode.
INT_DRDY pin connected to VDD_IO: only MIPI I3CSM active, see Figure 23
Only I3C: INT_DRDY pin is by default an input with pull-down. If INT_DRDY is set
to Vdd_IO, I3C slave is selected and device can be initialized at full speed through
the SETDASA command. If the I3C bus is available for more than 10 msec and
the device is not yet addressed, a hot join request is performed (SDA line kept to
ground from slave) and the master must manage the request. After device
address assignment, a private write can be performed to disconnect the
INT_DRDY pull-down.
Figure 22. I²C and MIPI I3CSM both active (INT_DRDY pin not connected)
1. Address assignment (SETDASA) must be performed with I²C Fast Mode Plus Timing. When the slave is
addressed, the I²C slave is disabled and the timing is compatible with MIPI I3CSM specifications.
I²C/MIPI I3CSM
(both active)
Master sends
I²C r/w
I²C bus case
Slave performs
requested r/w
Master assigns DA
to the slave(1)
MIPI I3CSM bus case
MIPI I3CSM private R/W with and without
7EhCCC commands
Slave event management
Error detection and recovery
Master resets
DA
INT_DRDY pin not connected
I²C/MIPI I3CSM both active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com