Electronic Components Datasheet Search
  English  ▼

X  

M95128-DF Datasheet(PDF) 9 Page - STMicroelectronics

Part # M95128-DF
Description  128-Kbit serial SPI bus EEPROM with high-speed clock
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95128-DF Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M95128-DF Datasheet HTML 5Page - STMicroelectronics M95128-DF Datasheet HTML 6Page - STMicroelectronics M95128-DF Datasheet HTML 7Page - STMicroelectronics M95128-DF Datasheet HTML 8Page - STMicroelectronics M95128-DF Datasheet HTML 9Page - STMicroelectronics M95128-DF Datasheet HTML 10Page - STMicroelectronics M95128-DF Datasheet HTML 11Page - STMicroelectronics M95128-DF Datasheet HTML 12Page - STMicroelectronics M95128-DF Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
5.3
Hold condition
The Hold (HOLD) signal is used to pause any serial communications with the device without resetting the clocking
sequence.
To enter the Hold condition, the device must be selected, with Chip select (S) low.
During the Hold condition, the Serial data output (Q) is high impedance, and the Serial data input (D) and the
Serial clock (C) are Don’t care.
Normally, the device is kept selected for the whole duration of the Hold condition. Deselecting the device while it
is in the Hold condition has the effect of resetting the state of the device: this mechanism can be used, if required,
to reset the ongoing processes.
Note:
This resets the internal logic, except the WEL and WIP bits of the Status register.
In the specific case where the device has moved in a Write command (Inst + Address + data bytes, each data
byte being exactly 8 bits), deselecting the device also triggers the Write cycle of this decoded command.
Figure 7. Hold condition activation
Hold
condition
Hold
condition
HOLD
C
The Hold condition starts when the Hold (HOLD) signal is driven low when Serial clock (C) is already low (as
shown in Figure 7. Hold condition activation).
Figure 7. Hold condition activation also shows what happens if the rising and falling edges are not timed to
coincide with Serial clock (C) being low.
5.4
Status register
The Status register contains a number of status and control bits that can be read or set (as appropriate) by
specific instructions. See Section 6.3 Read Status register (RDSR) for a detailed description of the Status
register bits.
M95128-W M95128-R M95128-DF
Hold condition
DS1356 - Rev 20
page 9/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com