Electronic Components Datasheet Search
  English  ▼

X  

LM2904A Datasheet(PDF) 11 Page - STMicroelectronics

Part # LM2904A
Description  Low-power dual operational amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2904A Datasheet(HTML) 11 Page - STMicroelectronics

Back Button LM2904A Datasheet HTML 7Page - STMicroelectronics LM2904A Datasheet HTML 8Page - STMicroelectronics LM2904A Datasheet HTML 9Page - STMicroelectronics LM2904A Datasheet HTML 10Page - STMicroelectronics LM2904A Datasheet HTML 11Page - STMicroelectronics LM2904A Datasheet HTML 12Page - STMicroelectronics LM2904A Datasheet HTML 13Page - STMicroelectronics LM2904A Datasheet HTML 14Page - STMicroelectronics LM2904A Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
6
Typical single-supply applications
Figure 21. AC coupled inverting amplifier
1/2
LM2904
~
0
2VPP
R
10 kΩ
L
Co
e o
R
6.2 kΩ
B
R
100 kΩ
f
R1
10 kΩ
C I
e I
VCC
R2
100 kΩ
C1
10µF
R3
100 kΩ
A = -
R
R1
V
f
(a s s hown A
= -10)
V
Figure 22. AC coupled non-inverting amplifier
1/2
LM2904
~
0
2 VPP
R
10 kΩ
L
Co
e o
R
6.2 kΩ
B
C1
0.1 µF
e I
VCC
(
= 11)
V
A = 1 + R2
R1
V
R1
100 kΩ
R2
1 MΩ
C I
R3
1 MΩ
R4
100 kΩ
R5
100 kΩ
C2
10 µF
as shown A
Figure 23. Non-inverting DC gain
R1
10 kΩ
R2
1 MΩ
1/2
LM2904
10 kΩ
e I
e O
+5 V
(mV)
0
AV = 1 +
R2
R1
(a s s how n
= 101 )
AV
Figure 24. DC summing amplifier
1/2
LM2904
e O
e 4
e 3
e 2
e 1
100 kΩ
100 kΩ
100 kΩ
100 kΩ
100 kΩ
100 kΩ
eo = e1 + e2 - e3 - e4
where (e1 + e2)
(e3 + e4)
to keep eo
0 V
≥
≥
Figure 25. High input Z, DC differential amplifier
1/2
LM2904
R1
100 kΩ
R2
100 kΩ
R4
100 kΩ
R3
100 kΩ
+V2
+V1
Vo
1/2
LM2904
eo = [ 1 +
] (e2 - e1)
As sho wn eo = 101 (e2 - e1)
2R1
R2
If R1 = R5 and R3 = R4 = R6 = R7
Figure 26. Using symmetrical amplifiers to reduce input
current
1/2
LM2904
IB
2N 92 9
0.001µF
IB
3 MΩ
IB
e o
I I
e I
IB
IB
Input current compensation
1.5 MΩ
1/2
LM2904
LM2904, LM2904A, LM2904W, LM2904AW
Typical single-supply applications
DS0508 - Rev 20
page 11/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com