Electronic Components Datasheet Search
  English  ▼

X  

TS4962 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS4962
Description  3W Filter-free Class D Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4962 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS4962 Datasheet HTML 3Page - STMicroelectronics TS4962 Datasheet HTML 4Page - STMicroelectronics TS4962 Datasheet HTML 5Page - STMicroelectronics TS4962 Datasheet HTML 6Page - STMicroelectronics TS4962 Datasheet HTML 7Page - STMicroelectronics TS4962 Datasheet HTML 8Page - STMicroelectronics TS4962 Datasheet HTML 9Page - STMicroelectronics TS4962 Datasheet HTML 10Page - STMicroelectronics TS4962 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Electrical Characteristics
TS4962
7/22
Table 6.
VCC = +3.0V, GND = 0V, VICM = 1.5V, Tamb = 25°C (unless otherwise specified)
1
Symbol
Parameter
Min.
Typ.
Max.
Unit
ICC
Supply Current
No input signal, no load
1.9
2.7
mA
ISTANDBY
Standby Current 2
No input signal, VSTBY = GND
10
1000
nA
Voo
Output Offset Voltage
No input signal, RL = 8Ω
325
mV
Po
Output Power, G=6dB
THD = 1% Max, f = 1kHz, RL = 4Ω
THD = 10% Max, f = 1kHz, RL = 4Ω
THD = 1% Max, f = 1kHz, RL = 8Ω
THD = 10% Max, f = 1kHz, RL = 8Ω
0.75
1
0.5
0.6
W
THD + N
Total Harmonic Distortion + Noise
Po = 350 mWRMS, G = 6dB, 20Hz < f < 20kHz,
RL = 8Ω + 15µH, BW < 30kHz
Po = 350mWRMS, G = 6dB, f = 1kHz,
RL = 8Ω + 15µH, BW < 30kHz
1
0.21
%
Efficiency
Efficiency
Po = 0.7 WRMS, RL = 4Ω + ≥ 15µH
Po = 0.45 WRMS, RL = 8Ω+ ≥ 15µH
78
88
%
PSRR
Power Supply Rejection Ratio with inputs grounded 3
f = 217Hz, RL = 8Ω, G=6dB, Vripple = 200mVpp
60
dB
CMRR
Common Mode Rejection Ratio, f = 217Hz, RL = 8Ω, G = 6dB, ∆Vic
= 200mVpp
54
dB
Gain
Gain value (Rin in kΩ)
V/V
RSTDBY
Internal Resistance From Standby to GND
273
300
327
k
FPWM
Pulse Width Modulator Base Frequency
180
250
320
kHz
SNR
Signal to Noise ratio (A Weighting), Po = 0.4W, RL = 8Ω
82
dB
TWU
Wake-up time
5
10
ms
TSTB
Standby time
5
10
ms
VN
Output Voltage Noise f = 20Hz to 20kHz, G = 6dB
Unweighted RL = 4Ω
A weighted RL = 4Ω
Unweighted RL = 8Ω
A weighted RL = 8Ω
Unweighted RL = 4Ω + 15µH
A weighted RL = 4Ω + 15µH
Unweighted RL = 4Ω + 30µH
A weighted RL = 4Ω + 30µH
Unweighted RL = 8Ω + 30µH
A weighted RL = 8Ω + 30µH
Unweighted RL = 4Ω + Filter
A weighted RL = 4Ω + Filter
Unweighted RL = 4Ω + Filter
A weighted RL = 4Ω + Filter
83
57
83
61
81
58
87
62
77
56
85
63
80
57
85
61
µVRMS
1) All electrical values are guaranted with correlation measurements at 2.5V and 5V.
2) Standby mode is actived when Vstdby is tied to GND.
3)
Dynamic measurements - 20*log(rms(Vout)/rms(Vripple)). Vripple is the surimposed sinus signal to Vcc @ f = 217Hz.
273k
R
in
------------------
300 k
R
in
------------------
327k
R
in
------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com