Electronic Components Datasheet Search
  English  ▼

X  

74HC356 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74HC356
Description  8-input multiplexer/register; 3-state
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC356 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74HC356 Datasheet HTML 3Page - NXP Semiconductors 74HC356 Datasheet HTML 4Page - NXP Semiconductors 74HC356 Datasheet HTML 5Page - NXP Semiconductors 74HC356 Datasheet HTML 6Page - NXP Semiconductors 74HC356 Datasheet HTML 7Page - NXP Semiconductors 74HC356 Datasheet HTML 8Page - NXP Semiconductors 74HC356 Datasheet HTML 9Page - NXP Semiconductors 74HC356 Datasheet HTML 10Page - NXP Semiconductors 74HC356 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
December 1990
7
Philips Semiconductors
Product specification
8-input multiplexer/register; 3-state
74HC/HCT356
DC CHARACTERISTICS FOR 74HC
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: bus driver
ICC category: MSI
AC CHARACTERISTICS FOR 74HC
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HC
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ. max.
min.
max.
min.
max.
tPHL/ tPLH propagation delay
CP to Y, Y
66
24
19
240
48
41
300
60
51
360
72
61
ns
2.0
4.5
6.0
Fig.6
tPHL/ tPLH propagation delay
Sn to Y, Y
77
28
22
260
52
44
325
65
55
390
78
66
ns
2.0
4.5
6.0
Fig.7
tPHL/ tPLH propagation delay
LE to Y, Y
77
28
22
270
54
46
340
68
58
405
81
69
ns
2.0
4.5
6.0
Fig.8
tPZH/ tPZL 3-state output enable time
OEn to Y, Y
41
15
12
125
25
21
155
31
26
190
38
32
ns
2.0
4.5
6.0
Fig.11
tPZH/ tPZL 3-state output enable time
OE3 to Y, Y
47
17
14
150
30
26
190
38
33
225
45
38
ns
2.0
4.5
6.0
Fig.11
tPHZ/ tPLZ 3-state output disable time
OEn to Y, Y
50
18
14
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.11
tPHZ/ tPLZ 3-state output disable time
OE3 to Y, Y
58
21
17
155
31
26
195
39
33
235
47
40
ns
2.0
4.5
6.0
Fig.11
tTHL/ tTLH output transition time
14
5
4
60
12
10
75
15
13
90
18
15
ns
2.0
4.5
6.0
Figs 6, 7 and 8
tW
clock pulse width CP
HIGH or LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.6
tW
latch enable pulse width LE
LOW
80
16
14
17
6
5
100
20
17
120
24
20
ns
2.0
4.5
6.0
Fig.8
tsu
set-up time
Dn to CP
50
10
9
11
4
3
65
13
11
75
15
13
ns
2.0
4.5
6.0
Fig.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com