Electronic Components Datasheet Search
  English  ▼

X  

74LVC126AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC126AD
Description  Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC126AD Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC126AD Datasheet HTML 1Page - NXP Semiconductors 74LVC126AD Datasheet HTML 2Page - NXP Semiconductors 74LVC126AD Datasheet HTML 3Page - NXP Semiconductors 74LVC126AD Datasheet HTML 4Page - NXP Semiconductors 74LVC126AD Datasheet HTML 5Page - NXP Semiconductors 74LVC126AD Datasheet HTML 6Page - NXP Semiconductors 74LVC126AD Datasheet HTML 7Page - NXP Semiconductors 74LVC126AD Datasheet HTML 8Page - NXP Semiconductors 74LVC126AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
2003 Feb 28
4
Philips Semiconductors
Product specification
Quad buffer/line driver with 5 Volt
tolerant input/outputs; 3-state
74LVC126A
MNA233
126
1
2
3
4
5
6
7
8
14
13
12
11
10
9
1OE
1A
1Y
2OE
2A
2Y
GND
3Y
3A
3OE
4Y
4A
4OE
VCC
Fig.1 Pin configuration SO14 and (T)SSOP14.
handbook, halfpage
114
1OE
VCC
7
2
3
4
5
6
1A
1Y
2OE
2A
2Y
13
12
11
10
9
4OE
4A
4Y
3OE
3A
8
GND
3Y
GND(1)
Top view
MCE197
Fig.2 Pin configuration DHVQFN14.
* The die substrate is attached to this pad using conductive die attach
material. It can not be used as a supply pin or input.
handbook, halfpage
MNA235
1A
1Y
2
1
3
1OE
2A
2Y
5
4
6
2OE
3A
3Y
9
10
8
3OE
4A
4Y
12
13
11
4OE
Fig.3 Logic symbol.
handbook, halfpage
MNA236
1
EN1
1
3
2
4
6
5
10
8
9
13
11
12
Fig.4 Logic symbol (IEEE/IEC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com