Electronic Components Datasheet Search
  English  ▼

X  

CD54AC244 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CD54AC244
Description  Octal Buffer/Line Drivers, 3-State
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54AC244 Datasheet(HTML) 2 Page - Texas Instruments

  CD54AC244 Datasheet HTML 1Page - Texas Instruments CD54AC244 Datasheet HTML 2Page - Texas Instruments CD54AC244 Datasheet HTML 3Page - Texas Instruments CD54AC244 Datasheet HTML 4Page - Texas Instruments CD54AC244 Datasheet HTML 5Page - Texas Instruments CD54AC244 Datasheet HTML 6Page - Texas Instruments CD54AC244 Datasheet HTML 7Page - Texas Instruments CD54AC244 Datasheet HTML 8Page - Texas Instruments CD54AC244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
For TA = -40 to +85°C (Package Type E) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW
OPERATING-TEMPERATURE RANGE (TA): CD54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-55 to +125°C
CD74 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40 to +85
°C
STORAGE TEMPERATURE (Tstg) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65 to +150°C
LEAD TEMPERATURE (DURING SOLDERING):
At distance 1/16
± 1/32 in. (1.59 ± 0.79 mm) from case for 10 s maximum. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ..+265°C
Unit inserted into PC board min. thickness 1/16 in. (1.59 mm) with solder contacting lead tips only. . . . . . . . . . . . . . . . . . . . . . . . . . .+300
°C
* For up to 4 outputs per device: add
± 25 mA for each additional output.
For TA = -40 to +70°C (Package Type M) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400 mW
For TA = +70 to +85°C (Package Type M) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Derate Linearly at 6 mW/°C to 310 mW
CHARACTERISTIC
LIMITS
MIN.
MAX.
UNITS
Supply-Voltage Range, VCC*:
(For TA = Full Package-Temperature Range)
AC Types
ACT Types
1.5
4.5
5.5
5.5
V
V
DC Input or Output Voltage, VI, Vo
0VCC
V
Operating Temperature, TA
CD54
CD74
°C
+125
-55
-40
+85
Input Rise and Fall Slew Rate, dt/dv
at 1.5 V to 3 V (AC Types)
at 3.6 v to 5.5 V (AC Types)
at 4.5 V to 5.5 V (ACT Types)
0
0
0
50
20
10
ns/V
ns/V
ns/V
* Unless otherwise specified, all voltages are referenced to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com