Electronic Components Datasheet Search
  English  ▼

X  

TU-SLG-072-R22 Datasheet(PDF) 1 Page - Belden Inc.

Part # TU-SLG-072-R22
Description  Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, Dbl Jkt - PVC & CPE, OFNR, Oil Res 1/2
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

TU-SLG-072-R22 Datasheet(HTML) 1 Page - Belden Inc.

  TU-SLG-072-R22 Datasheet HTML 1Page - Belden Inc. TU-SLG-072-R22 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: TU-SLG-072-R22
Tray, In+Outdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, Dbl Jkt - PVC & CPE,
OFNR, Oil Res 1/2
Product Description
DataTuff Tray, Indoor/Outdoor, Multi-Loose-Tube, OS2, 72 Fibers, Gel Filled Tubes 2.8mm, Double Jacket - PVC Inner / CPE Outer, OFNR, Oil Res 1 & 2
Technical Specifications
Product Overview
Product Category:
Fiber Multi-Loose Tube Cable
Suitable Applications:
Extended Distance Horizontal & Backbone Data/Telco Network, Noisy Environment, Indoor/Outdoor & Wet Locations
Fiber Specifications
Fiber Type:
OS2
Fiber Core Diameter:
8.2/125 µm
Fiber Diameter:
250 µm
Fiber Count:
72
Fiber Color Coding:
TIA-598-D
Cable Construction
Number of Active Subunits:
6
Fibers Per Subunit:
12
Subunit Waterblocking:
Gel Filled
Subunit Diameter:
0.110 in (2.8 mm)
Subunit Color:
TIA-598-D
Central Strength Member:
Upjacketed GRP
Core Wrap:
Waterblocking tape
Inner Jacket Specifications
Material:
PVC - Polyvinyl Chloride
Nom. Diameter:
0.406 in (10.3 mm)
Color:
Black
Outer Jacket Specifications
Nom. Diameter:
0.541 in (13.7 mm)
Optical Characteristics
Wavelength
1310 nm
1550 nm
Max. Attenuation
0.40 dB/km 0.30 dB/km
Mode Field Diameter
9.2 µm
10.4 µm
1 Gigabit Ethernet Performance
5,000 m
-
10 Gigabit Ethernet Performance 10,000 m
40,000 m
Mechanical Characteristics
Min. Bend Radius During Installation:
15x Cable OD
Min. Bend Radius During Operation:
10x Cable OD
Max. Tensile Strength During Installation: 2670 N (600


Similar Part No. - TU-SLG-072-R22

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TU-SLG-072-RH2 BELDEN-TU-SLG-072-RH2 Datasheet
169Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, SIA, Dbl Jkt, Blk, CPE OFCR, Oil Res 1/2
11-14-2022
TU-SLG-072-RH2N BELDEN-TU-SLG-072-RH2N Datasheet
169Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, SIA, Dbl Jkt, Blk, CPE OFCR, Oil Res 1/2
11-14-2022
TU-SLG-072-RI2 BELDEN-TU-SLG-072-RI2 Datasheet
165Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, AIA, Dbl Jkt - PVC & CPE, OFCR, Oil Res 1/2
11-14-2022
TU-SLG-072-RI2N BELDEN-TU-SLG-072-RI2N Datasheet
165Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, AIA, Dbl Jkt - PVC & CPE, OFCR, Oil Res 1/2
11-14-2022
TU-SLG-072-RN2 BELDEN-TU-SLG-072-RN2 Datasheet
180Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, Sgl Jkt - CPE, OFNR,Oil Res 1/2
11-14-2022
More results

Similar Description - TU-SLG-072-R22

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
TU-SLG-036-RN2 BELDEN-TU-SLG-036-RN2 Datasheet
173Kb / 2P
Tray, InOutdoor, MLT, OS2, 36f, Gel Tubes 2.8mm, Sgl Jkt - CPE, OFNR,Oil Res 1/2
11-14-2022
TU-SLG-048-R22 BELDEN-TU-SLG-048-R22 Datasheet
172Kb / 2P
Tray, InOutdoor, MLT, OS2, 48f, Gel Tubes 2.8mm, Dbl Jkt - PVC & CPE,OFNR, Oil Res 1/2
11-14-2022
TU-SLG-060-R22 BELDEN-TU-SLG-060-R22 Datasheet
172Kb / 2P
Tray, InOutdoor, MLT, OS2, 60f, Gel Tubes 2.8mm, Dbl Jkt - PVC & CPE, OFNR, Oil Res 1/2
11-14-2022
TU-SLG-072-RH2 BELDEN-TU-SLG-072-RH2 Datasheet
169Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, SIA, Dbl Jkt, Blk, CPE OFCR, Oil Res 1/2
11-14-2022
TU-SLG-072-RI2 BELDEN-TU-SLG-072-RI2 Datasheet
165Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, AIA, Dbl Jkt - PVC & CPE, OFCR, Oil Res 1/2
11-14-2022
TU-SLG-072-RN2 BELDEN-TU-SLG-072-RN2 Datasheet
180Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, Sgl Jkt - CPE, OFNR,Oil Res 1/2
11-14-2022
TU-SLG-072-RT2 BELDEN-TU-SLG-072-RT2 Datasheet
181Kb / 2P
Tray, InOutdoor, MLT, OS2, 72f, Gel Tubes 2.8mm, CST, Dbl Jkt, Blk, CPE,OFCR, Oil Res 1/2
11-14-2022
TU-SLG-096-R22 BELDEN-TU-SLG-096-R22 Datasheet
174Kb / 2P
Tray, InOutdoor, MLT, OS2, 96f, Gel Tubes 2.8mm, Dbl Jkt - PVC & CPE,OFNR, Oil Res 1/2
11-14-2022
TU-SLG-096-RN2 BELDEN-TU-SLG-096-RN2 Datasheet
175Kb / 2P
Tray, InOutdoor, MLT, OS2, 96f, Gel Tubes 2.8mm, Sgl Jkt - CPE, OFNR, Oil Res 1/2
11-14-2022
TU-SLG-144-R22 BELDEN-TU-SLG-144-R22 Datasheet
180Kb / 2P
Tray, InOutdoor, MLT, OS2, 144f, Gel Tubes 2.8mm, Dbl Jkt - PVC & CPE, OFNR, Oil Res 1/2
11-14-2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com