Electronic Components Datasheet Search
  English  ▼

X  

MAC9D Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC9D
Description  Triacs (Silicon Bidirectional Thyristors)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC9D Datasheet(HTML) 5 Page - ON Semiconductor

  MAC9D Datasheet HTML 1Page - ON Semiconductor MAC9D Datasheet HTML 2Page - ON Semiconductor MAC9D Datasheet HTML 3Page - ON Semiconductor MAC9D Datasheet HTML 4Page - ON Semiconductor MAC9D Datasheet HTML 5Page - ON Semiconductor MAC9D Datasheet HTML 6Page - ON Semiconductor MAC9D Datasheet HTML 7Page - ON Semiconductor MAC9D Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MAC9D, MAC9M, MAC9N
http://onsemi.com
5
TJ, JUNCTION TEMPERATURE (°C)
– 50
– 30
10
50
90
110
130
100
1
Q2
10
–10
30
70
Q1
Q3
TJ, JUNCTION TEMPERATURE (°C)
1
0.4
– 50
– 30
– 10
10
70
110
130
Q1
Q2
50
90
0.45
0.5
0.55
0.65
0.75
0.85
0.9
0.95
0.6
0.7
0.8
Q3
30
Figure 6. Gate Trigger Current Variation
Figure 7. Gate Trigger Voltage Variation
Figure 8. Critical Rate of Rise of Off-State Voltage
(Exponential)
RG, GATE TO MAIN TERMINAL 1 RESISTANCE (OHMS)
5000
4K
3K
2K
1K
0
1000
100
10
1
Figure 9. Critical Rate of Rise of
Commutating Voltage
(di/dt)c, RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
TJ = 125°C
100
°C
75
°C
10
60
100
10
1
15
20
25
30
35
40
45
50
55
4.5K
3.5K
2.5K
1.5K
1K
1K
500
MT2 POSITIVE
MT2 NEGATIVE
Figure 10. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
–
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51
W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com