Electronic Components Datasheet Search
  English  ▼

X  

SLF Datasheet(PDF) 1 Page - TDK Electronics

Part # SLF
Description  Inductors For Power Line SMD
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

SLF Datasheet(HTML) 1 Page - TDK Electronics

  SLF Datasheet HTML 1Page - TDK Electronics SLF Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
531_SLF12575
(1/2)
Inductors
SLF Series SLF12575 Type
For Power Line
SMD
FEATURES
• The SLF series are characterized by low profile, low DC
resistance, and high current handling capacities.
• Because they are magnetically shielded, these parts can be
used in high-density mounting configurations.
• Flat bottom surface ensures secure, reliable mounting.
• Provided in embossed carrier tape packaging for use with
automatic mounting machines.
APPLICATIONS
Portable telephones, personal computers, hard disk drives, and
other electronic equipment.
SPECIFICATIONS
RECOMMENDED REFLOW SOLDERING CONDITIONS
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W×T
(3) Packaging style
(4) Inductance value
(5) Inductance tolerance
(6) Rated current
(7) TDK internal code
(Some products may not have this number. See the main body
for details.)
PACKAGING STYLE AND QUANTITIES
Type
Operating temperature
range
[Including self-temperature rise]
Storage temperature
range
[Unit of products]
SLF6025
–20 to +85°C
–40 to +85°C
SLF6028
–20 to +85°C
–40 to +85°C
SLF7028
–20 to +85°C
–40 to +85°C
SLF7030
–20 to +85°C
–40 to +85°C
SLF7032
–20 to +85°C
–40 to +85°C
SLF7045
–20 to +85°C
–40 to +85°C
SLF10145
–20 to +90°C
–40 to +90°C
SLF12555
–20 to +90°C
–40 to +90°C
SLF12565
–20 to +105°C
–40 to +105°C
SLF12575
–20 to +105°C
–40 to +105°C
40s
60 to 120s
Preheating
5s
Natural
cooling
240
±5°C
220
±5°C
150°C
130°C
Time(s)
6025
6.0
×6.0×2.5mm
6028
6.0
×6.0×2.8mm
7028
7.0
×7.0×2.8mm
7030
7.0
×7.0×3.0mm
7032
7.0
×7.0×3.2mm
7045
7.0
×7.0×4.5mm
10145
10.1
×10.1×4.5mm
12555
12.5
×12.5×5.5mm
12565
12.5
×12.5×6.5mm
12575
12.5
×12.5×7.5mm
T
Taping(reel)
3R3
3.3
µH
100
10
µH
M
±20%
N
±30%
1R9
1.9A
R96
0.96A
Packaging style
Type
Quantity
Taping
SLF6025T
1000 pieces/reel
SLF6028T
1000 pieces/reel
SLF7028T
1000 pieces/reel
SLF7030T
1000 pieces/reel
SLF7032T
1000 pieces/reel
SLF7045T
1000 pieces/reel
SLF10145T
500 pieces/reel
SLF12555T
500 pieces/reel
SLF12565T
500 pieces/reel
SLF12575T
500 pieces/reel
SLF 7032 T- 220 M R96 -2
(1)
(2)
(3) (4)
(5) (6)
(7)


Similar Part No. - SLF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLF ETC2-SLF Datasheet
296Kb / 8P
SMD Shielded Power Inductors
logo
JST Mfg. Co., Ltd.
SLF-01T-2.0 JST-SLF-01T-2.0 Datasheet
1Mb / 6P
6.2mm pitch disconnectable crimp style wire-to-wire connectors
SLF-01T-P1.3E JST-SLF-01T-P1.3E Datasheet
178Kb / 4P
4.5 mm pitch/Disconnectable Crimp style Wire-to-wire connectors
logo
Festo Corporation.
SLF-10-10-P-A FESTO-SLF-10-10-P-A Datasheet
93Kb / 2P
Mini slide
12/7/22
SLF-10-20-P-A FESTO-SLF-10-20-P-A Datasheet
93Kb / 2P
Mini slide
12/7/22
More results

Similar Description - SLF

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
Inductors For Power Line SMD
logo
List of Unclassifed Man...
RLF12560 ETC-RLF12560 Datasheet
57Kb / 2P
Inductors For Power Line SMD
logo
TDK Electronics
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
INDUCTORS FOR POWER LINE SMD
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
Inductors For Power Line SMD
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
SMD Inductors For Power Line
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
SMD Inductors For Power Line
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com