Electronic Components Datasheet Search
  English  ▼

X  

SP25F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SP25F
Description  2,500 V - 10,000 V Rectifier Stacks (0.5 A Forward Current 150 ns Recovery Time)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SP25F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SP25F Datasheet HTML 1Page - List of Unclassifed Manufacturers SP25F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
184
0
0.1
0.2
0.3
0.4
0.5
0.6
25
50
75
100
125
150
Ambient Temperature (C)
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
0
1
2
3
4
5
6
7
8
02
46
8
10
Forward Current (A)
0
2
4
6
8
10
12
14
16
18
20
0
1
23
45
Forward Current (A)
MAXIMUM FORWARD CURRENT
VS. TEMPERATURE
SP25F SP50F SP75F SP100F
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
SP50F
SP25F
SP75F
SP100F
Ambient Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com