Electronic Components Datasheet Search
  English  ▼

X  

87103CY Datasheet(PDF) 1 Page - Alpha Wire

Part # 87103CY
Description  Customer Specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

87103CY Datasheet(HTML) 1 Page - Alpha Wire

  87103CY Datasheet HTML 1Page - Alpha Wire 87103CY Datasheet HTML 2Page - Alpha Wire 87103CY Datasheet HTML 3Page - Alpha Wire 87103CY Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Customer Specification
PART NO. 87103CY
Construction
Alpha Wire | 711 Lidgerwood Avenue, Elizabeth, NJ 07207
Tel: 1-800-52 ALPHA (25742), Web: www.alphawire.com
Diameters (In)
1) Component 1
3 X 1 COND
a) Conductor
22 (19/34) AWG Bare Copper
0.032
b) Insulation
0.016" Wall, Nom. TPES(Hytrel)
0.064
(1) Print
ALPHANUMERIC NUMBERS - 1-ONE ALTERNATING AND
INVERTED
(2) Color Code
Alpha Wire Color Code KX
Cond
Color
Cond
Color
Cond
Color
1
GREEN/YELLOW
2
BLACK#1
3
BLACK#2
2) Cable Assembly
3 Components Cabled
a) Twists:
3.4 Twists/foot (min)
b) Orientation:
Components to be arranged from
INSIDE LAYER to OUTSIDE LAYER
c) Core Wrap
PTFE(skived) Tape, 25% Overlap,
Min.
3) Shield
Tinned Copper SPIRAL Shield,90%
Coverage, Min.
4) Jacket
0.050" Wall, Nom.,Polyurethane
(TPU)
0.263 (0.276 Max.)
a) Color(s)
BLACK
b) Jacket Separator
PTFE(skived) Tape, 25% Overlap,
Min.
c) Print
ALPHA WIRE-* P/N 87103CY
XTRAGUARD(R) FLEXIBLE TORSION CABLE - RU AWM
20234 --- LLXXXXXX CSA AWM I/II A/B 80C
600 VOLTS FT1 CE ROHS (SEQ FOOTAGE)
* = Factory Code
[Note: Product may have c(UL) or CSA markings depending upon plant of
manufacture.]


Similar Part No. - 87103CY

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
87103 ALPHAWIRE-87103 Datasheet
98Kb / 4P
Customer Specification
3/17/2023
More results

Similar Description - 87103CY

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
5010_15C ALPHAWIRE-5010_15C Datasheet
72Kb / 3P
Customer Specification
251731 ALPHAWIRE-251731 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
453821 ALPHAWIRE-453821 Datasheet
99Kb / 4P
Customer Specification
8/24/2022
101 ALPHAWIRE-101 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
103 ALPHAWIRE-103 Datasheet
100Kb / 4P
Customer Specification
8/25/2022
1069 ALPHAWIRE-1069 Datasheet
99Kb / 4P
Customer Specification
8/25/2022
108 ALPHAWIRE-108 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
1138C ALPHAWIRE-1138C_V01 Datasheet
99Kb / 4P
Customer Specification
8/26/2022
121910C ALPHAWIRE-121910C Datasheet
99Kb / 4P
Customer Specification
8/26/2022
2549911 ALPHAWIRE-2549911 Datasheet
100Kb / 4P
Customer Specification
8/26/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com