Electronic Components Datasheet Search
  English  ▼

X  

STB130NH02L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB130NH02L
Description  N-CHANNEL 24V - 0.0034 ??- 120A D²PAK/TO-220 STripFET??III POWER MOSFET FOR DC-DC CONVERSION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB130NH02L Datasheet(HTML) 1 Page - STMicroelectronics

  STB130NH02L Datasheet HTML 1Page - STMicroelectronics STB130NH02L Datasheet HTML 2Page - STMicroelectronics STB130NH02L Datasheet HTML 3Page - STMicroelectronics STB130NH02L Datasheet HTML 4Page - STMicroelectronics STB130NH02L Datasheet HTML 5Page - STMicroelectronics STB130NH02L Datasheet HTML 6Page - STMicroelectronics STB130NH02L Datasheet HTML 7Page - STMicroelectronics STB130NH02L Datasheet HTML 8Page - STMicroelectronics STB130NH02L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
April 2005
STB130NH02L
STP130NH02L
N-CHANNEL 24V - 0.0034
Ω - 120A D²PAK/TO-220
STripFET™ III POWER MOSFET FOR DC-DC CONVERSION
Rev. 2.0
Figure 1:Package
Table 1: General Features
■
TYPICAL RDS(on) = 0.0034 Ω @ 10 V
■
TYPICAL RDS(on) = 0.005 Ω @ 5 V
■
RDS(ON) * Qg INDUSTRY’s BENCHMARK
■
CONDUCTION LOSSES REDUCED
■
SWITCHING LOSSES REDUCED
■
LOW THRESHOLD DEVICE
■
SURFACE-MOUNTING D2PAK (TO-263)
POWER PACKAGE IN TUBE (NO SUFFIX) OR
IN TAPE & REEL (SUFFIX “T4”)
DESCRIPTION
The STB_P130NH02L utilizes the latest advanced
design rules of ST’s proprietary STripFET™ technology.
It is ideal in high performance DC-DC converter
applications where efficiency is to be achieved at very
high output currents.
APPLICATIONS
■
SYNCHRONOUS RECTIFICATIONS FOR
TELECOM AND COMPUTER
■
OR-ING DIODE
Table 2: Ordering Information
TYPE
VDSS
RDS(on)
ID
STB130NH02L
STP130NH02L
24 V
24 V
< 0.0044
Ω
< 0.0044
Ω
90 A(2)
90 A(2)
SALES TYPE
MARKING
PACKAGE
PACKAGING
STB130NH02LT4
B130NH02L
TO-263
TAPE & REEL
STP130NH02L
P130NH02L
TO-220
TUBE
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vspike(1)
Drain-source Voltage Rating
30
V
VDS
Drain-source Voltage (VGS = 0)
24
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
24
V
VGS
Gate- source Voltage
± 20
V
ID(2)
Drain Current (continuous) at TC = 25°C
90
A
ID(2)
Drain Current (continuous) at TC = 100°C
90
A
IDM(3)
Drain Current (pulsed)
360
A
Ptot
Total Dissipation at TC = 25°C
150
W
Derating Factor
1
W/°C
EAS (4)
Single Pulse Avalanche Energy
900
mJ
Tstg
Storage Temperature
-55 to 175
°C
Tj
Max. Operating Junction Temperature
1
2
3
TO-220
1
3
D2PAK
TO-263
(Suffix “T4”)
Figure 2: Internal Schematic Diagram


Similar Part No. - STB130NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB130N6F7 STMICROELECTRONICS-STB130N6F7 Datasheet
851Kb / 14P
Low Crss/Ciss ratio for EMI immunity
15-Dec-2015
logo
Inchange Semiconductor ...
STB130N6F7-2 ISC-STB130N6F7-2 Datasheet
295Kb / 2P
Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB130NS04ZB STMICROELECTRONICS-STB130NS04ZB Datasheet
327Kb / 12P
N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
14-Jan-2005
STB130NS04ZB STMICROELECTRONICS-STB130NS04ZB Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
STB130NS04ZB-1 STMICROELECTRONICS-STB130NS04ZB-1 Datasheet
382Kb / 16P
N-channel clamped - 7 mOHM - 80A TO-220/I2/D2PAK/TO-247 Fully protected mesh overlay TM MOSFET
03-Oct-2006
More results

Similar Description - STB130NH02L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP80NF03L-04 STMICROELECTRONICS-STP80NF03L-04 Datasheet
49Kb / 6P
N-CHANNEL 30V - 0.0034 ohm - 80A TO-220 STripFET POWER MOSFET
Nov-1999
STB120NH03L STMICROELECTRONICS-STB120NH03L Datasheet
421Kb / 11P
N-CHANNEL 30V - 0.005 W - 60A D2PAK STripFET III POWER MOSFET FOR DC-DC CONVERSION
Oct-2003
STB300NH02L STMICROELECTRONICS-STB300NH02L Datasheet
474Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET TM Power MOSFET
21-Feb-2007
STB70NH03L STMICROELECTRONICS-STB70NH03L Datasheet
466Kb / 15P
N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion
20-Jul-2006
STB190NF04 STMICROELECTRONICS-STB190NF04_06 Datasheet
510Kb / 16P
N-channel 40V - 0.0039ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STB200NF03 STMICROELECTRONICS-STB200NF03_07 Datasheet
449Kb / 18P
N-channel 30V - 0.0032ohm - 120A - D2PAK/I2PAK/TO-220 STripFET TM III Power MOSFET
09-Aug-2006
STP120NH03L STMICROELECTRONICS-STP120NH03L Datasheet
508Kb / 17P
N-channel 30V - 0.005ohm - 60A - TO-220 / D2PAK / I2PAK STripFET Power MOSFET for DC-DC conversion
16-Feb-2007
STB300NH02L_0709 STMICROELECTRONICS-STB300NH02L_0709 Datasheet
329Kb / 14P
N-channel 24V - 120A - TO-220 / D2PAK STripFET??Power MOSFET
25-Sep-2007
STP130NH02L STMICROELECTRONICS-STP130NH02L_07 Datasheet
267Kb / 14P
N-channel 24V - 0.0034Ω - 120A - TO-220 STripFET™Power MOSFET for DC-DC conversion
13-Apr-2007
STB140NF75T4 STMICROELECTRONICS-STB140NF75T4 Datasheet
545Kb / 18P
N-channel 75V - 0.0065 - 120A - D2PAK/I2/TO-220 STripFET III Power MOSFET
28-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com