Electronic Components Datasheet Search
  English  ▼

X  

STP5NK100Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STP5NK100Z
Description  N-channel 1000V - 2.7??- 3.5A - TO-220/TO-220FP/TO-247 Zener-protected SuperMESH??Power MOSFET
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP5NK100Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STP5NK100Z Datasheet HTML 6Page - STMicroelectronics STP5NK100Z Datasheet HTML 7Page - STMicroelectronics STP5NK100Z Datasheet HTML 8Page - STMicroelectronics STP5NK100Z Datasheet HTML 9Page - STMicroelectronics STP5NK100Z Datasheet HTML 10Page - STMicroelectronics STP5NK100Z Datasheet HTML 11Page - STMicroelectronics STP5NK100Z Datasheet HTML 12Page - STMicroelectronics STP5NK100Z Datasheet HTML 13Page - STMicroelectronics STP5NK100Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Test circuit
STP5NK100Z - STF5NK100Z - STW5NK100Z
10/16
3
Test circuit
Figure 18. Unclamped Inductive load test
circuit
Figure 19. Unclamped Inductive waveform
Figure 20. Switching times test circuit for
resistive load
Figure 21. Gate charge test circuit
Figure 22. Test circuit for inductive load
switching and diode recovery times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com