Electronic Components Datasheet Search
  English  ▼

X  

74HC4066 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # 74HC4066
Description  Quad bilateral switches
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4066 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button 74HC4066 Datasheet HTML 9Page - NXP Semiconductors 74HC4066 Datasheet HTML 10Page - NXP Semiconductors 74HC4066 Datasheet HTML 11Page - NXP Semiconductors 74HC4066 Datasheet HTML 12Page - NXP Semiconductors 74HC4066 Datasheet HTML 13Page - NXP Semiconductors 74HC4066 Datasheet HTML 14Page - NXP Semiconductors 74HC4066 Datasheet HTML 15Page - NXP Semiconductors 74HC4066 Datasheet HTML 16Page - NXP Semiconductors 74HC4066 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
1998 Nov 10
13
Philips Semiconductors
Product specification
Quad bilateral switches
74HC/HCT4066
Fig.10 Typical switch “OFF” signal feed-through as a function of frequency.
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 Ω; Rsource =1kΩ.
handbook, full pagewidth
−100
0
−80
−60
−40
−20
MGR263
10
102
103
104
105
106
(dB)
f (kHz)
Fig.11 Typical frequency response.
Test conditions: VCC = 4.5 V; GND = 0 V; RL =50 Ω; Rsource =1kΩ.
handbook, full pagewidth
−5
5
0
MGR264
10
102
103
104
105
106
(dB)
f (kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com