Electronic Components Datasheet Search
  English  ▼

X  

TS431 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS431
Description  Adjustable Precision Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS431 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TS431/A/B
1-8
2003/12 rev. B
TS431/431A/431B
Adjustable Precision Shunt Regulator
Sink Current Capability up to 100mA
General Description
The TS431/431A/431B integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC
voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 volts with two
external resistors. These devices exhibit a wide operating current range of 1.0 to 100mA with a typical dynamic
impedance of 0.22
Ω. The characteristics of these references make them excellent replacements for zener diodes in many
applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5volt reference makes it convenient to
obtain a stable reference from 5.0volt logic supplies, and since The TS431/431A/431B operates as a shunt regulator, it
can be used as either a positive or negative stage reference.
This series is offered in 3-pin TO-92, SOT-89, SOT-23 and SOP-8 package.
Standard Application
Features
Precision Reference Voltage
TS431
2.495V±2%
TS431A 2.495V±1%
TS431B 2.495V±0.5%
Equivalent Full Range Temp. Coefficient: 50ppm/
oC
Programmable Output Voltage up to 36V
Fast Turn-On Response
Sink Current Capability of 1.0 to 100 mA
Low Dynamic Output Impedance: 0.22
Ω
Low Output Noise
Block Diagram
Ordering Information
Note: Where x denotes voltage tolerance.
Blank: ±2%
A: ±1%
B: ±0.5%
Part No.
Operating Temp.
(Ambient)
Package
TS431xCT
TO-92
TS431xCY
SOT-89
TS431xCX
SOT-23
TS431xCS
-20 ~ +85
oC
SOP-8
Pin Assignment
Pin No.
TS431/A/BCT
TS431/A/BCY
TS431/A/BCX
TS431/A/BCS
Pin
Description
1
1
1
8
Reference
2
2
3
2,3,6,7
Anode
3
3
2
1
Cathode
4,5
Non connect


Similar Part No. - TS431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
141Kb / 14P
LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
22-Sep-2006
TS431 STMICROELECTRONICS-TS431 Datasheet
128Kb / 12P
Low voltage adjustable shunt reference
30-Aug-2007
logo
Taiwan Semiconductor Co...
TS431-Z TSC-TS431-Z Datasheet
552Kb / 10P
Adjustable Precision Shunt Regulator
TS431-Z TSC-TS431-Z_14 Datasheet
573Kb / 10P
Adjustable Precision Shunt Regulator
TS431ACS-RLG TSC-TS431ACS-RLG Datasheet
4Mb / 13P
2.495V Programmable Shunt Voltage Reference
More results

Similar Description - TS431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com