Electronic Components Datasheet Search
  English  ▼

X  

TS431A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS431A
Description  Adjustable Precision Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS431A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431A Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS431/A/B
2-8
2003/12 rev. B
Absolute Maximum Rating
Cathode Voltage (Note 1)
Vka
37
V
Continuous Cathode Current Range
Ik
-100 ~ +150
mA
Reference Input Current Range
Iref
-0.05 ~ +10
mA
Power Dissipation (Note 2, 3)
TO-92
SOT-89 / SOP-8
SOT-23
Pd
0.625
0.5
0.3
W
Operating Junction Temperature Range
Tj
+125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Note 1: Voltage values are with respect to the anode terminal unless otherwise noted.
Note 2: Tj Max = 150
oC
Note 3: Rating apply to ambient temperature at 25
oC
Recommend Operating Condition
Cathode Voltage Range
Vka
Ref ~ 36
V
Cathode Current Range (for regulation)
Ik
1 ~ 100
mA
Electrical Characteristics
(Ta=25
oC, unless otherwise specified.)
Parameter
Symbo
Test Conditions
Min
Typ
Max
Unit
TS431
TS431A
Reference
voltage
TS431B
Vref
Vka =Vref, Ik=10mA (Figure 1)
2.450
2.475
2.487
2.495
2.550
2.525
2.513
V
Deviation of reference input
voltage, over temp. (Note 4)
∆Vref
Ta = full range
Vka =Vref, Ik=10mA (Figure 1)
--
3
17
mV
Reference Input current
Iref
R1=10KΩ, R2=
∞ , Ika=10mA
(Figure 2)
--
0.7
4.0
uA
Radio of change in Vref to
change in cathode Voltage
∆Vref /
∆Vka
Ika=10mA, Vka = 10V to Vref,
Vka = 36V to 10V (Figure 2)
--
--
-1.4
- 1.0
-2.7
- 2.0
mV/V
Deviation of reference input
current, over temp.
Iref(DEV)
Ta= full range
R1=10KΩ, R2=
∞ , Ika=10mA
(Figure 2)
--
0.4
1.2
uA
Minimum operating cathode
current
Ika(min)
Vka=Vref (Figure 1)
--
0.4
0.6
mA
Off-state Cathode Current
Ioff
Vref=0V (Figure 3)
Vka=36V
--
--
1.0
uA
Dynamic Output Impedance
|Zka|
f<1KHz, Vka=Vref
Ika=1mA to 100mA (Figure 1)
--
0.22
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com