Electronic Components Datasheet Search
  English  ▼

X  

AM85C30-16PC Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AM85C30-16PC
Description  Enhanced Serial Communications Controller
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM85C30-16PC Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AM85C30-16PC Datasheet HTML 23Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 24Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 25Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 26Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 27Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 28Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 29Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 30Page - Advanced Micro Devices AM85C30-16PC Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
AMD
27
Am85C30
7
65432
10
FOY FDA
BC
BC
BC
BC
BC
BC
13
12
11
10
9
8
RR7
FIFO Data Available Status
1 = Status Reads Will Come From FIFO
0 = Status Reads Will Come From SCC
FIFO Overflow Status
1 = FIFO Overflowed During Operation
0 = Normal
BC
BC
BC
BC
BC
BC
BC
BC
RR6
Read From FIFO
LSB Byte Count
RR15
••
•
•
••
ENH
FEN
Status FIFO Enable Control Bit
1 = Status and Byte Count Will be
0= Status Will Not be Held (SCC Emulation Mode)
Held in the Status FIFO Until Read
= No Change From NMOS SCC DFN
•
7
65432
10
7
65432
10
7
65432
10
ENH: SDLC/HDLC Enhancement Status
1 = Enhancements Enabled
0 = Enhancements Disabled
Figure 15. SCC Additional Registers
10216F-19
Enable
The byte counter is enabled when the SCC is in the
SDLC/HDLC mode and WR15 bit 2 is set to 1.
Reset
The byte counter is reset whenever an SDLC flag char-
acter is received. The reset is timed so that the contents
of the byte counter are successfully written into the
FIFO.
Increment
The byte counter is incremented by writes to the data
FIFO. The counter represents the number of bytes re-
ceived by the SCC, rather than the number of bytes
transferred from the SCC. (These counts may differ by
up to the number of bytes in the receive data FIFO con-
tained in the SCC.)
Am85C30 SDLC/HDLC Enhancement
Register Access
SDLC/HDLC enhancements on the Am85C30 are en-
abled or disabled via bits D2 or D0 in WR15. Bit D2 deter-
mines whether or not the 10
× 19 bit SDLC/HDLC
frame status FIFO is enabled while bit D0 determines
whether or not other enhancements are enabled via
WR7
′. Table 3 shows what functions on the Am85C30
are enabled when these bits are set.
When bit D2 of WR15 is set to 1, two additional registers
(RR6 and RR7) per channel specific to the 10
× 19 bit
Frame Status FIFO are made available. The Am85C30
register map when this function is enabled is shown in
Table 4.
Bit D0 of WR15 determines whether or not other en-
hancements pertinent only to SDLC/HDLC mode opera-
tion are available for programming via WR7
′ as shown
below. Write Register 7 prime (WR7
′) can be written to
when bit D0 of WR15 is set to 1. When this bit is set, writ-
ing to WR7 (flag register) actually writes to WR7
′. If bit
D6 of this register is set to 1, previously unreadable reg-
isters WR3, WR4, WR5, and WR10 are readable by the
pro-cessor. In addition, WR7
′ is also readable by having
this bit set. WR3 is read when a bogus RR9 register is
accessed during a read cycle. WR10 is read by access-
ing RR11, and WR7
′ is accessed by executing a read to
RR14. The Am85C30 register map with bit D0 of WR15
and bit D6 of WR7
′ set is shown in Table 5.
If both bits D0 and D2 of WR15 are set to 1 and D6 of
WR7
′ is set to 1, then the Am85C30 register map is as
shown in Table 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com