Electronic Components Datasheet Search
  English  ▼

X  

TS431ACY Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS431ACY
Description  Adjustable Precision Shunt Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS431ACY Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS431ACY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS431ACY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS431ACY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS431ACY Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS431ACY Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS431ACY Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS431ACY Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS431ACY Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TS431/A/B
3-8
2003/12 rev. B
Electrical Characteristics (continued) (Ta=25 oC, unless otherwise specified.)
Note 4. Deviation of reference input voltage, VDEV, is defined as the maximum deviation of the reference over the full
temperature range.
The average temperature coefficient of the reference input voltage αVref is defined as:
| αVref | = [ VDEV / Vref(25 oC) ] * 106 / T2 – T1…………………….. (PPM/ oC)
Where:
T2-T1 = full temperature change.
αVref can be positive or negative depending on whether the slope is positive or negative.
Example: Maximum Vref=2.496V at 30
oC, minimum Vref=2.492V at 0oC, Vref=2.495V at 25oC, ∆T=70 oC
| αVref | = [ 4mV / 2495mV ] * 106 / 70oC ≈ 23ppm/oC
Note 5. The dynamic output impedance, Rz, is defined as:
| Zka | = ∆Vka / ∆Ika
When the device is programmed with two external resistors R1and R2 (see Figure 2). The dynamic output
impedance of the overall circuit, is defined as :
| Zka | = ∆v / ∆i | ≈ Zka | * ( 1 + R1 / R2)
Test Circuits



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com