Electronic Components Datasheet Search
  English  ▼

X  

X40430 Datasheet(PDF) 19 Page - Xicor Inc.

Part # X40430
Description  4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X40430 Datasheet(HTML) 19 Page - Xicor Inc.

Back Button X40430 Datasheet HTML 15Page - Xicor Inc. X40430 Datasheet HTML 16Page - Xicor Inc. X40430 Datasheet HTML 17Page - Xicor Inc. X40430 Datasheet HTML 18Page - Xicor Inc. X40430 Datasheet HTML 19Page - Xicor Inc. X40430 Datasheet HTML 20Page - Xicor Inc. X40430 Datasheet HTML 21Page - Xicor Inc. X40430 Datasheet HTML 22Page - Xicor Inc. X40430 Datasheet HTML 23Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
X40430/X40431 – Preliminary Information
Characteristics subject to change without notice.
19 of 24
REV 1.2.3 11/28/00
www.xicor.com
RESET/RESET/MR Timings
LOW VOLTAGE AND WATCHDOG TIMINGS PARAMETERS
Symbol
Parameters
Min.
Typ.
Max.
Unit
tRPD1
tRPDL
VTRIP1 to RESET/RESET (Power down only)
VTRIP1 to LOWLINE
10
20
µs
t LR
LOWLINE to RESET/RESET delay (Power down only) [= tRPD1-tRPDL]
500
ns
tRPDX
VTRIP2 to V2FAIL, or VTRIP3 to V3FAIL
10
20
µs
tPURST
Power On Reset delay:
PUP1=0, PUP0=0
PUP1=0, PUP0=1
PUP1=1, PUP0=0
PUP1=1, PUP0=1
50
200
400
800
ms
ms
ms
ms
tF
VCC, V2MON, V3MON, Fall Time
20
mV
/µs
tR
VCC, V2MON, V3MON, Rise Time
20
mV
/µs
VRVALID
Reset Valid VCC
1V
tMD
MR to RESET/ RESET delay (activation only)
500
ns
tin1
Pulse width for MR
5µs
tWDO
Watchdog Timer Period:
WD1=0, WD0=0
WD1=0, WD0=1
WD1=1, WD0=0
1.4
200
25
s
ms
ms
tRST1
Watchdog Reset Time Out Delay
WD1=0, WD0=0
WD1=0, WD0=1
100
200
300
ms
tRST2
Watchdog Reset Time Out Delay WD1=1, WD0=0
12.5
25
37.5
ms
tRSP
Watchdog timer restart pulse width
1
µs
VCC
VTRIP1
RESET
RESET
tPURST
tPURST
tR
tF
tRPD1
VRVALID
MR
tMD
tIN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com