Electronic Components Datasheet Search
  English  ▼

X  

M95256-W Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95256-W
Description  256-Kbit serial SPI bus EEPROM with high-speed clock
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-W Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95256-W Datasheet HTML 2Page - STMicroelectronics M95256-W Datasheet HTML 3Page - STMicroelectronics M95256-W Datasheet HTML 4Page - STMicroelectronics M95256-W Datasheet HTML 5Page - STMicroelectronics M95256-W Datasheet HTML 6Page - STMicroelectronics M95256-W Datasheet HTML 7Page - STMicroelectronics M95256-W Datasheet HTML 8Page - STMicroelectronics M95256-W Datasheet HTML 9Page - STMicroelectronics M95256-W Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
4
Connecting to the SPI bus
All instructions, addresses and input data bytes are shifted in to the device, most significant bit first. The Serial
data input (D) is sampled on the first rising edge of the Serial clock (C) after Chip select (S) goes low.
All output data bytes are shifted out of the device, most significant bit first. The Serial data output (Q) is latched on
the first falling edge of the Serial clock (C) after the instruction (such as the Read from Memory array and Read
Status register instructions) have been clocked into the device.
Figure 5. Bus master and memory devices on the SPI bus
SPI bus master
SDO
SDI
SCK
C Q D
C Q D
C Q D
CS3 CS2 CS1
SPI interface with
(CPOL, CPHA) =
(0, 0) or 1, 1)
SPI memory
device
S W HOLD
R
R
R
SPI memory
device
S W HOLD
SPI memory
device
S W HOLD
VCC
VCC
VCC
VCC
VSS
(1)
(1)
(1)
(1)
(1)
(1)
1. The Write protect (W) and Hold (HOLD) signals should be driven, high or low as appropriate.
MS19755V3
Figure 5 shows an example of three memory devices connected to an SPI bus master. Only one memory device
is selected at a given time, so only one memory device drives the Serial data output (Q) line at that time. The
other memory devices are in high impedance state. The pull-up resistor R ensures that a device is not selected if
the Bus master leaves the S line in the high impedance state.
In applications where the bus master can enter a state where the whole input/output SPI bus is high-impedance
at a given time (for example, if the bus master is reset during the transmission of an instruction), it is advised to
connect the clock line (C) to an external pull-down resistor so that, if all inputs/outputs become high-impedance,
the C line is pulled low (while the S line is pulled high). This ensures that S and C do not become high at the
same time, and so, that the tSHCH requirement is met. The typical value of R is 100 kΩ.
M95256-W M95256-R M95256-DF
Connecting to the SPI bus
DS4712 - Rev 22
page 6/51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com