Electronic Components Datasheet Search
  English  ▼

X  

M95640-DF Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95640-DF
Description  64-Kbit serial SPI bus EEPROM with high-speed clock
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DF Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95640-DF Datasheet HTML 8Page - STMicroelectronics M95640-DF Datasheet HTML 9Page - STMicroelectronics M95640-DF Datasheet HTML 10Page - STMicroelectronics M95640-DF Datasheet HTML 11Page - STMicroelectronics M95640-DF Datasheet HTML 12Page - STMicroelectronics M95640-DF Datasheet HTML 13Page - STMicroelectronics M95640-DF Datasheet HTML 14Page - STMicroelectronics M95640-DF Datasheet HTML 15Page - STMicroelectronics M95640-DF Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Connecting to the SPI bus
M95640-W M95640-R M95640-DF
12/53
DocID16877 Rev 19
4.1
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the following two modes:
•
CPOL=0, CPHA=0
•
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 6, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
•
C remains at 0 for (CPOL=0, CPHA=0)
•
C remains at 1 for (CPOL=1, CPHA=1)
Figure 6. SPI modes supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com