Electronic Components Datasheet Search
  English  ▼

X  

STN1N20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STN1N20
Description  N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN1N20 Datasheet(HTML) 1 Page - STMicroelectronics

  STN1N20 Datasheet HTML 1Page - STMicroelectronics STN1N20 Datasheet HTML 2Page - STMicroelectronics STN1N20 Datasheet HTML 3Page - STMicroelectronics STN1N20 Datasheet HTML 4Page - STMicroelectronics STN1N20 Datasheet HTML 5Page - STMicroelectronics STN1N20 Datasheet HTML 6Page - STMicroelectronics STN1N20 Datasheet HTML 7Page - STMicroelectronics STN1N20 Datasheet HTML 8Page - STMicroelectronics STN1N20 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
June 2011
Doc ID 6772 Rev 3
1/12
12
STN1N20
N-channel 200 V, 1.2
Ω, 1 A, SOT-223
MESH OVERLAY™ Power MOSFET
Features
■ 100% avalanche tested
Application
■ Switching applications
Description
This device is an N-channel Power MOSFET
developed using the latest high voltage MESH
OVERLAY™ process. The new patented STrip
layout coupled with the company’s proprietary
edge termination structure, makes it suitable in
converters for lighting applications.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STN1N20
200 V
< 1.5
Ω
1 A
SOT-223
1
2
4
3
Table 1.
Device summary
Order code
Marking
Package
Packaging
STN1N20
N1N20
SOT-223
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STN1N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
45Kb / 6P
N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
Sep-1999
More results

Similar Description - STN1N20

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH15NB50FI STMICROELECTRONICS-STH15NB50FI Datasheet
110Kb / 3P
N-CHANNEL ENHANCEMENT MODE MESH OVERLAY POWER MOSFET
Jan-1997
STN1N20 STMICROELECTRONICS-STN1N20 Datasheet
45Kb / 6P
N - CHANNEL 200V - 1.2 ohm - 1A - SOT-223 POWER MOS TRANSISTOR
Sep-1999
logo
Guangdong Kexin Industr...
KTS1C1S250 KEXIN-KTS1C1S250 Datasheet
60Kb / 3P
Mesh Overlay Power MOSFET
logo
STMicroelectronics
STN4NF20L STMICROELECTRONICS-STN4NF20L Datasheet
611Kb / 12P
N-channel 200 V, 1.1 Ω, 1 A SOT-223 low gate charge STripFET™II Power MOSFET
11-Oct-2010
STN3N40K3 STMICROELECTRONICS-STN3N40K3 Datasheet
847Kb / 13P
N-channel 400 V, 3 Ω, 1.8 A SOT-223 SuperMESH3 Power MOSFET
08-Apr-2011
STN1NF20 STMICROELECTRONICS-STN1NF20 Datasheet
654Kb / 12P
N-channel 200 V, 1.1 ohm, 1 A SOT-223
04-Nov-2011
logo
Fairchild Semiconductor
FQD5N20LTM FAIRCHILD-FQD5N20LTM Datasheet
863Kb / 8P
N-Channel QFET MOSFET 200 V, 3.8 A, 1.2
logo
STMicroelectronics
STB19NF20 STMICROELECTRONICS-STB19NF20_V01 Datasheet
809Kb / 30P
N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
09-Aug-2018
logo
ON Semiconductor
NTF6P02 ONSEMI-NTF6P02_V01 Datasheet
212Kb / 8P
MOSFET – Power, P-Channel, SOT-223 -10 A, -20 V
May, 2019 - Rev. 7
logo
STMicroelectronics
STF12N50U STMICROELECTRONICS-STF12N50U Datasheet
571Kb / 12P
N-channel 500 V, 0.55 Ω, 10 A TO-220FP Ultrafast MESH™ Power MOSFET
15-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com