Electronic Components Datasheet Search
  English  ▼

X  

2SC3286-M Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC3286-M
Description  NPN SILICON EPITAXIAL TRANSISTOR FOR 230-MHz WIDEBAND POWER AMPLIFIER INDUSTRIAL USE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC3286-M Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC3286-M Datasheet HTML 1Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 2Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 3Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 4Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 5Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 6Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 7Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 8Page - Renesas Technology Corp 2SC3286-M Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2
2SC3286-M
TYPICAL CHARACTERISTICS (TA = 25
°°°°°C)
54
52
50
48
46
44
42
40
38
30
32
34
36
Pin - Input Power - dBm
38
40
140
160
180
200
220
240
260
42
80
52
50
48
46
44
42
40
60
40
f = 230 MHz
VCC = 28 V
Iq = 500 mA
× 2
f = 230 MHz (Tuning point)
VCC = 28 V, Iq = 500 mA
× 2 Class AB
Pin = 40 dBm
20
Pout
0
OUTPUT POWER AND COLLECTOR EFFICIENCY
vs. INPUT POWER
TYPICAL OUTPUT POWER vs. FREQUENCY
η
C
f - Frequency - MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com