Electronic Components Datasheet Search
  English  ▼

X  

2SC5432 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SC5432
Description  NPN EPITAXIAL SILICON TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5432 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SC5432 Datasheet HTML 1Page - Renesas Technology Corp 2SC5432 Datasheet HTML 2Page - Renesas Technology Corp 2SC5432 Datasheet HTML 3Page - Renesas Technology Corp 2SC5432 Datasheet HTML 4Page - Renesas Technology Corp 2SC5432 Datasheet HTML 5Page - Renesas Technology Corp 2SC5432 Datasheet HTML 6Page - Renesas Technology Corp 2SC5432 Datasheet HTML 7Page - Renesas Technology Corp 2SC5432 Datasheet HTML 8Page - Renesas Technology Corp 2SC5432 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet PU10100EJ01V0DS
2
2SC5432
ELECTRICAL CHARACTERISTICS (TA = +25
°°°°C)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Collector Cut-off Current
ICBO
VCB = 10 V, IE = 0 mA
–
–
1 000
nA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0 mA
–
–
1 000
nA
DC Current Gain
hFE
Note 1
VCE = 3 V, IC = 7 mA
80
–
145
–
Gain Bandwidth Product
fT
VCE = 3 V, IC = 7 mA, f = 1 GHz
3.0
4.5
–
GHz
Insertion Power Gain
S21e2 VCE = 3 V, IC = 7 mA, f = 1 GHz
7.0
10.0
–
dB
Noise Figure
NF
VCE = 3 V, IC = 7 mA, f = 1 GHz
–
1.4
2.5
dB
Reverse Transfer Capacitance
Cre
Note 2
VCB = 3 V, IE = 0 mA, f = 1 MHz
–
0.7
1.5
pF
Notes 1. Pulse measurement: PW
≤ 350
µs, Duty Cycle ≤ 2%
2. Collector to base capacitance when the emitter grounded
hFE CLASSIFICATION
Rank
EB
FB
Marking
TC
TD
hFE Value
80 to 110
100 to 145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com