Electronic Components Datasheet Search
  English  ▼

X  

HCT4067 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # HCT4067
Description  16-channel analog multiplexer/demultiplexer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HCT4067 Datasheet(HTML) 2 Page - NXP Semiconductors

  HCT4067 Datasheet HTML 1Page - NXP Semiconductors HCT4067 Datasheet HTML 2Page - NXP Semiconductors HCT4067 Datasheet HTML 3Page - NXP Semiconductors HCT4067 Datasheet HTML 4Page - NXP Semiconductors HCT4067 Datasheet HTML 5Page - NXP Semiconductors HCT4067 Datasheet HTML 6Page - NXP Semiconductors HCT4067 Datasheet HTML 7Page - NXP Semiconductors HCT4067 Datasheet HTML 8Page - NXP Semiconductors HCT4067 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
September 1993
2
Philips Semiconductors
Product specification
16-channel analog
multiplexer/demultiplexer
74HC/HCT4067
FEATURES
• Low “ON” resistance:
80
Ω (typ.) at VCC = 4.5 V
70
Ω (typ.) at VCC = 6.0 V
60
Ω (typ.) at VCC = 9.0 V
typical “break before make” built-in
• Output capability: non-standard
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT4067 are high-speed Si-gate CMOS
devices and are pin compatible with the “4067” of the
“4000B” series. They are specified in compliance with
JEDEC standard no. 7A.
The 74HC/HCT4067 are 16-channel analog
multiplexers/demultiplexers with four address inputs (S0 to
S3) , an active LOW enable input (E), sixteen independent
inputs/outputs (Y0 to Y15) and a common input/output (Z).
The ”4067” contains sixteen bidirectional analog switches,
each with one side connected to an independent
input/output (Y0 to Y15) and the other side connected to a
common input/output (Z).
With E LOW, one of the sixteen switches is selected (low
impedance ON-state) by S0 to S3. All unselected switches
are in the high impedance OFF-state. With E HIGH, all
switches are in the high impedance OFF-state,
independent of S0 to S3.
The analog inputs/outputs (Y0 to Y15, and Z) can swing
between VCC as a positive limit and GND as a negative
limit. VCC to GND may not exceed 10 V.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 °C; tr = tf = 6 ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD = CPD × VCC2 × fi +∑ { (CL + CS) × VCC2 × fo} where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ {(CL + CS) × VCC2 × fo} = sum of outputs
CL = output load capacitance in pF
CS = max. switch capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPZL/ tPZH
turn-on time
CL = 15 pF; RL =1 kΩ; VCC = 5 V
E to Vos
26
32
ns
Sn to Vos
29
33
ns
tPLZ/ tPHZ
turn-off time
E to Vos
27
26
ns
Sn to Vos
29
30
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per switch
notes 1 and 2
29
29
pF
CS
max. switch capacitance
independent (Y)
5
5
pF
common (Z)
45
45
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com