Electronic Components Datasheet Search
  English  ▼

X  

STP3NK90ZFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP3NK90ZFP
Description  N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3NK90ZFP Datasheet(HTML) 1 Page - STMicroelectronics

  STP3NK90ZFP Datasheet HTML 1Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 2Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 3Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 4Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 5Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 6Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 7Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 8Page - STMicroelectronics STP3NK90ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DPAK
1
2
3
TAB
TO-220
1
2
3
TO-220FP
1
3
2
TAB
D(2, TAB)
G(1)
S(3)
AM01475V1
Features
Order code
VDS
RDS(on) max.
ID
Package
STD3NK90ZT4
900 V
4.8 Ω
3 A
DPAK
STP3NK90Z
TO-220
STP3NK90ZFP
TO-220FP
•
Extremely high dv/dt capability
•
100% avalanche tested
•
Gate charge minimized
•
Very low intrinsic capacitance
•
Zener-protected
Applications
•
Switching applications
Description
These high-voltage devices are Zener-protected N-channel Power MOSFETs
developed using the SuperMESH™ technology by STMicroelectronics, an
optimization of the well-established PowerMESH™. In addition to a significant
reduction in on-resistance, these devices are designed to ensure a high level of dv/dt
capability for the most demanding applications.
Product status link
STD3NK90ZT4
STP3NK90Z
STP3NK90ZFP
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs
in DPAK, TO-220 and TO-220FP packages
STD3NK90ZT4, STP3NK90Z, STP3NK90ZFP
Datasheet
DS2980 - Rev 3 - August 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STP3NK90ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3NK90ZFP STMICROELECTRONICS-STP3NK90ZFP Datasheet
613Kb / 13P
N-CHANNEL 900V - 4.1ohm - 3A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH™ Power MOSFET
Nov-2002
STP3NK90ZFP STMICROELECTRONICS-STP3NK90ZFP Datasheet
662Kb / 20P
N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
29-Jan-2013
More results

Similar Description - STP3NK90ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4 Datasheet
662Kb / 20P
N-channel 900 V, 4.1 Ω typ., 3 A Zener-protected SuperMESH™Power MOSFET in DPAK, TO-220 and TO-220FP packages
29-Jan-2013
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
04-Feb-2015
STB19NF20 STMICROELECTRONICS-STB19NF20_V01 Datasheet
809Kb / 30P
N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
09-Aug-2018
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
STP10NK80Z STMICROELECTRONICS-STP10NK80Z_V01 Datasheet
444Kb / 17P
N-channel 800 V, 0.78 Ω, 9 A Zener-protected SuperMESH™ Power MOSFETs in TO-220, TO-220FP and TO-247 packages
15-Mar-2012
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com