Electronic Components Datasheet Search
  English  ▼

X  

40430C Datasheet(PDF) 21 Page - Xicor Inc.

Part # 40430C
Description  4kbit EEPROM, Triple Voltage Monitor with Integrated CPU Supervisor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

40430C Datasheet(HTML) 21 Page - Xicor Inc.

Back Button 40430C Datasheet HTML 16Page - Xicor Inc. 40430C Datasheet HTML 17Page - Xicor Inc. 40430C Datasheet HTML 18Page - Xicor Inc. 40430C Datasheet HTML 19Page - Xicor Inc. 40430C Datasheet HTML 20Page - Xicor Inc. 40430C Datasheet HTML 21Page - Xicor Inc. 40430C Datasheet HTML 22Page - Xicor Inc. 40430C Datasheet HTML 23Page - Xicor Inc. 40430C Datasheet HTML 24Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
X40430/X40431 – Preliminary Information
Characteristics subject to change without notice.
21 of 24
REV 1.2.3 11/28/00
www.xicor.com
VTRIP1, VTRIP2, VTRIP3 Programming Specifications: VCC = 2.0–5.5V; Temperature = 25°C
Parameter
Description
Min.
Max.
Unit
tVPS
WDO Program Voltage Setup time
10
µs
tVPH
WDO Program Voltage Hold time
10
µs
tTSU
VTRIPX Level Setup time
10
µs
tTHD
VTRIPX Level Hold (stable) time
10
µs
tWC
VTRIPX Program Cycle
10
ms
tVPO
Program Voltage Off time before next cycle
1
ms
VP
Programming Voltage
15
18
V
VTRAN
VTRIPX Set Voltage Range
2.0
4.75
V
Vta1
Initial VTRIPX Set Voltage accuracy (VCC applied—VTRIPX)
-0.1
+0.4
V
Vta2
Subsequent VTRIPX Program Voltage accuracy [(VCC applied—Vta1)–VTRIPX)
-25
+25
mV
Vtr
VTRIPX Set Voltage repeatability (Successive program operations.)
-25
+25
mV
Vtv
VTRIPX Set Voltage variation after programming (-40 to +85°C).
-25
+25
mV
tVPS
WDO Program Voltage Setup time
10
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com