Electronic Components Datasheet Search
  English  ▼

X  

5SF Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 5SF
Description  Quick-acting Fuse Series (Low Breaking Capacity)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

5SF Datasheet(HTML) 1 Page - Bel Fuse Inc.

  5SF Datasheet HTML 1Page - Bel Fuse Inc. 5SF Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
if
f
u
S
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
g
n
it
l
e
M
I2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
8
)
P
(
F
S
5R
-A
m
0
80
8
.
63
9
.
03
0
0
.
03
0
0
.
09
3
.
0
0
0
1
)
P
(
F
S
5R
-A
m
0
0
10
9
.
44
8
.
05
0
0
.
05
0
0
.
04
4
.
0
5
2
1
)
P
(
F
S
5R
-A
m
5
2
10
5
.
36
7
.
09
0
0
.
08
0
0
.
00
5
.
0
0
6
1
)
P
(
F
S
5R
-A
m
0
6
10
5
.
28
6
.
07
1
0
.
05
1
0
.
07
5
.
0
0
0
2
)
P
(
F
S
5R
-A
m
0
0
20
1
.
14
4
.
00
3
0
.
08
2
0
.
04
6
.
0
0
5
2
)
P
(
F
S
5R
-A
m
0
5
25
9
.
00
4
.
05
0
.
05
0
.
03
7
.
0
5
1
3
)
P
(
F
S
5R
-A
m
5
1
30
5
.
05
3
.
00
1
.
09
0
.
03
8
.
0
0
0
4
)
P
(
F
S
5R
-A
m
0
0
44
4
.
02
3
.
07
1
.
07
1
.
04
9
.
0
0
0
5
)
P
(
F
S
5R
-A
m
0
0
52
3
.
08
2
.
00
4
.
00
4
.
02
1
.
0
0
3
6
)
P
(
F
S
5R
-A
m
0
3
65
1
.
05
1
.
04
6
.
05
6
.
05
1
.
0
0
0
8
)
P
(
F
S
5R
-A
m
0
0
81
1
.
04
1
.
01
0
.
14
0
.
10
2
.
0
1
)
P
(
F
S
5R
-A
10
9
0
.
03
1
.
06
.
17
.
17
2
.
0
5
2
.
1
)
P
(
F
S
5R
-A
5
2
.
12
6
0
.
02
1
.
05
.
27
.
25
3
.
0
6
.
1
)
P
(
F
S
5R
-A
6
.
10
5
0
.
02
1
.
00
.
44
.
47
4
.
0
2
)
P
(
F
S
5R
-A
26
3
0
.
01
1
.
04
.
60
.
72
6
.
0
5
.
2
)
P
(
F
S
5R
-A
5
.
26
2
0
.
01
1
.
00
11
12
8
.
0
5
1
.
3
)
P
(
F
S
5R
-A
5
1
.
32
2
0
.
00
1
.
06
18
18
0
.
1
4
)
P
(
F
S
5R
-A
47
1
0
.
00
1
.
06
20
33
4
.
1
5
)
P
(
F
S
5R
-A
52
1
0
.
09
0
.
01
48
49
8
.
1
3
.
6
)
P
(
F
S
5R
-A
3
.
60
1
0
.
09
0
.
05
64
70
5
.
2
8
)
P
(
F
S
5R
-A
87
0
0
.
08
0
.
03
0
19
1
10
3
.
3
0
1
)
P
(
F
S
5R
-A
0
16
0
0
.
08
0
.
03
6
12
9
17
3
.
4
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Sy
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
7
9
1
6
4
0
0
/
4
7
1
5
3
0
0
.
o
N
e
t
a
ci
fi
tr
e
C
V
0
5
2
/
A
3
.
6
-
A
m
0
8r
o
A
5
3
@
C
A
0
1 n
I
r
e
t
a
e
r
g
si
r
e
v
e
h
ci
h
w
9
0
5
0
0
0
0
4
.
o
N
e
c
n
e
ci
L
4
3
2
M
E
.
o
N
e
t
a
ci
fi
tr
e
C
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
R
V
0
5
2
/
A
0
1
-
A
m
0
8r
o
A
5
3
@
C
A
0
1 n
I
e
t
a
e
r
g
si
r
e
v
e
h
ci
h
wr
2
7
7
9
3
R
L
.
o
N
e
li
F
e
c
n
a
t
p
e
c
c
A
3
6
2
0
3
0
7
0
2
0
1
0
3
0
0
2
.
o
N
e
c
n
e
ci
L
r
o
A
5
3
@
C
A
V
0
5
2
/
A
3
.
6
-
A
m
0
8
0
1 n
I
e
t
a
e
r
g
si
r
e
v
e
h
ci
h
wr
t
n
e
r
r
u
C
d
e
t
a
R
5
.
1
n
I
1
.
2
n
I
5
7
.
2
n
I
4 n
I
0
1
n
I
N
I
MX
A
MN
I
MX
A
MN
I
MX
A
MX
A
M
0
8A
m
0
0
1
o
t
A
m1
0
30
15
.
03
0
0
10
2
A
m
5
2
1A
3
.
6
o
t1
0
30
520
10
0
30
2
A
0
1
o
t
A
81
0
30
520
10
0
40
4
.r
h.
n
i
ms
mc
e
ss
ms
ms
m
Approvals
sdm rScc
RoHS Compliant Product
For RoHS Compliant Version, add suffix “R” after catalog number
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire:
Tin plated Copper alloy,
Diameter 0.032", 6.3A and less
Diameter 0.040", 8A and above
Marking
On fuse:
“bel”,“F”,“Current Rating”,“L”,“250V”,“Appropriate
Safety Logos” and “✔” (RoHS Version)
On label:
“bel”,“5SF”,or “5SFP”,“Current Rating”,“Voltage
Rating”,“Interrupting Rating”,“Appropriate Safety Logos”
and “
”+ suffix “R” for RoHS Version
Packaging
1. In bulk:
5SF - 1,000 pcs per box; 5SFP - 500 pcs per box
2. On Axial Tape & Reel:
1,500 pcs per reel
3. Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 63.5mm inside Tape Spacing
s
d
m
S
c
r
0.787"
± 0.02"
(20
± 0.5mm)
0.20"
± 0.004"
(5.1
± 0.1mm)
0.827"
± 0.02"
(21.0
± 0.5mm)
1.5"
± 0.08"
(38.1
± 2mm)
0.217"
± 0.004"
(5.5
± 0.1mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
Electrical Characteristics (IEC-127-2 STANDARD SHEET 2)
Mechanical Dimensions
Type 5SF / 5SFP
Quick-acting Fuse Series (Low Breaking Capacity)
5SFD0106
E5SFD1005A1
Consult manufacturer for other ratings
5SF
5SFP
5 x 20mm Glass Tube
41
RoHS Compliant


Similar Part No. - 5SF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5SF BEL-5SF Datasheet
1Mb / 4P
Quick Acting Fuse Series
5SF1-R BEL-5SF1-R Datasheet
1Mb / 4P
Quick Acting Fuse Series
5SF1.25-R BEL-5SF1.25-R Datasheet
1Mb / 4P
Quick Acting Fuse Series
5SF1.6-R BEL-5SF1.6-R Datasheet
1Mb / 4P
Quick Acting Fuse Series
5SF10-R BEL-5SF10-R Datasheet
1Mb / 4P
Quick Acting Fuse Series
More results

Similar Description - 5SF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
5ST BEL-5ST Datasheet
99Kb / 2P
Time-lag Fuse Series (Low Breaking Capacity)
2JQ BEL-2JQ Datasheet
99Kb / 2P
Quick Acting Fuse Series
5HF BEL-5HF Datasheet
409Kb / 2P
Quick-acting Fuse Series(High-Breaking Capacity)
5SFP BEL-5SFP Datasheet
89Kb / 2P
Quick-acting Fuse Series (Low Breaking Capacity)
2JQ BEL-2JQ_13 Datasheet
1Mb / 4P
QUICK ACTING FUSE SERIES
5HF-13 BEL-5HF-13 Datasheet
1Mb / 4P
QUICK-ACTING FUSE SERIES(HIGH-BREAKING CAPACITY)
5SF BEL-5SF_13 Datasheet
1Mb / 4P
QUICK-ACTING FUSE SERIES(LOW BREAKING CAPACITY)
5ST BEL-5ST Datasheet
1Mb / 4P
TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
5HF BEL-5HF_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
5SF BEL-5SF_16 Datasheet
1Mb / 4P
Quick Acting Fuse Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com