Electronic Components Datasheet Search
  English  ▼

X  

LT3434 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3434
Description  High Voltage 3A, 200kHz Step-Down Switching Regulator with 100uA Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3434 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3434 Datasheet HTML 15Page - Linear Technology LT3434 Datasheet HTML 16Page - Linear Technology LT3434 Datasheet HTML 17Page - Linear Technology LT3434 Datasheet HTML 18Page - Linear Technology LT3434 Datasheet HTML 19Page - Linear Technology LT3434 Datasheet HTML 20Page - Linear Technology LT3434 Datasheet HTML 21Page - Linear Technology LT3434 Datasheet HTML 22Page - Linear Technology LT3434 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LT3434
19
3434f
APPLICATIO S I FOR ATIO
Figure 9. Power Good
VOUT
500mV/DIV
PG
100k TO VIN
VCT
500mV/DIV
VSHDN
2V/DIV
TIME (10ms/DIV)
3434 F09
VIN
PG
PGFB
LT3434
PG at 80% VOUT with 100ms Delay
0.27µF
COUT
COUT
200k
VOUT = 3.3V
153k
12k
100k
FB
CT
VIN
PG
PGFB
LT3434
VOUT Disconnect at 80% VOUT
with 100ms Delay
0.27µF
200k
VOUT = 3.3V
153k
12k
100k
FB
CT
VIN
PG
PGFB
LT3434
PG at VIN > 4V with 100ms Delay
0.27µF
VOUT = 3.3V
200k
511k
200k
100k
165k
FB
CT
VIN
PG
PGFB
LT3434
VOUT Disconnect 3.3V Logic Signal
with 100µs Delay
270pF
200k
VOUT = 12V
3434 F10
866k
100k
FB
CT
COUT
COUT
Figure 10. Power Good Circuits
LAYOUT CONSIDERATIONS
As with all high frequency switchers, when considering
layout, care must be taken in order to achieve optimal
electrical, thermal and noise performance. For maximum
efficiency switch rise and fall times are typically in the
nanosecond range. To prevent noise both radiated and
conducted the high speed switching current path, shown
in Figure 11, must be kept as short as possible. This is
implemented in the suggested layout of Figure 12. Short-
ening this path will also reduce the parasitic trace induc-
tance of approximately 25nH/inch. At switch off, this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com