Electronic Components Datasheet Search
  English  ▼

X  

KYP77 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # KYP77
Description  Silicon Press-Fit-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KYP77 Datasheet(HTML) 2 Page - Diotec Semiconductor

  KYP77 Datasheet HTML 1Page - Diotec Semiconductor KYP77 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
63
01.01.99
Diotec
Forward characteristic (typical values)
Durchlaßkennlinie (typische Werte)
KYP 70 ... KYP 79
Operating junction temperature – Sperrschichttemperatur
T
– 50...+175 °C
j
Storage temperature – Lagerungstemperatur
T
– 50...+175 °C
S
Maximum pressure – Maximaler Einpreßdruck
7 kN
Characteristics
Kennwerte
Forward voltage
T = 25°C
I = 25 A
V
< 1.1 V
j
F
F
Durchlaßspannung
Leakage current
T = 25°C
V = V
I
< 100 µA
j
R
RRM
R
Sperrstrom
Thermal resistance junction to case
R
< 1 K/W
thC
Wärmewiderstand Sperrschicht – Gehäuse



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com