Electronic Components Datasheet Search
  English  ▼

X  

PL000735 Datasheet(PDF) 3 Page - Amphenol Sine Systems Corp.

Part # PL000735
Description  Panel Rack Mount Power Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASS [Amphenol Sine Systems Corp.]
Direct Link  https://www.amphenol-sine.com/
Logo ASS - Amphenol Sine Systems Corp.

PL000735 Datasheet(HTML) 3 Page - Amphenol Sine Systems Corp.

  PL000735 Datasheet HTML 1Page - Amphenol Sine Systems Corp. PL000735 Datasheet HTML 2Page - Amphenol Sine Systems Corp. PL000735 Datasheet HTML 3Page - Amphenol Sine Systems Corp. PL000735 Datasheet HTML 4Page - Amphenol Sine Systems Corp. PL000735 Datasheet HTML 5Page - Amphenol Sine Systems Corp. PL000735 Datasheet HTML 6Page - Amphenol Sine Systems Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.amphenol-sine.com
www.amphenol-sine.com
PRM Series™, 4.0mm
Image
Part Number
Description
Size
Amp
Voltage
PRM0400-G1-PLG
Kit, 2 Position, Female Plug, Socket, PRM Series™,
14-16AWG Machined RADSOK® R8S Contacts, Retainer Clip
Mates with: PRM0400-G1-PNL
4.0mm
Up to 43A
250
PRM0400-G2-PLG
Kit, 2 Position, Female Plug, Socket, PRM Series™,
10-12AWG Machined RADSOK® R8S Contacts, Retainer Clip
Mates with: PRM0400-G3-PNL
4.0mm
Up to 43A
250
PRM0400-G4-PLG
Kit, 2 Position, Female Plug, Socket, PRM Series™,
6-8AWG Machined RADSOK® R8S Contacts, Retainer Clip
Mates with: PRM0400-G2-PNL
4.0mm
70A Max
250
PRM0400-G3-PNL
Kit, 2 Position, Male Receptacle, Pin, PRM Series™,
1 X 8AWG Machined Contact and 1 X 8-32 Threaded Bus Bar Contact
Mates with: PRM0400-GX-PLG
4.0mm
70A Max
250
PL000727
4.0mm, Male Receptacle, Panel Side Contact Housing, PRM Series™
4.0mm
70A Max
N/A
PL000728
4.0mm, Female Plug Housing for use with PL000729, PRM Series™
4.0mm
N/A
N/A
PL000729
4.0mm, Contact Retainer Clip for use with
PL000728, PRM Series™
4.0mm
N/A
N/A
SC000530
4.0mm Male Pin, 8-32 UNC Thread used with PL000727
4.0mm
70A Max
N/A
SC000531-8
4.0mm, Male Pin, 8-10AWG
4.0mm
70A Max
N/A
SC000532-6-R4
4.0mm Female Socket, 6-8AWG Machined RADSOK® R8S Contact
4.0mm
70A Max
N/A
SC000532-10-R4
4.0mm Female Socket, 10-12AWG Machined RADSOK® R8S Contact
4.0mm
70A Max
N/A
SC000532-14-R4
4.0mm Female Socket, 14-16AWG Machined RADSOK® R8S Contact
4.0mm
70A Max
N/A
50-80639
4.0mm, Extraction Tool
4.0mm
N/A
N/A
3 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com