Electronic Components Datasheet Search
  English  ▼

X  

3SBP3 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 3SBP3
Description  Slow Blow Fuse Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

3SBP3 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  3SBP3 Datasheet HTML 1Page - Bel Fuse Inc. 3SBP3 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE LAST 2 PAGES
g
o
l
a
t
a
C
r
e
b
m
u
N
S
H
o
R
x
i
f
f
u
S
e
r
e
p
m
A
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
.
x
a
m
)
t
l
o
V
(
I
g
n
i
t
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
i
t
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
3
6
)
P
(
B
S
3R
-63 A
m7
79
.
69
0
.
00
1
.
07
.
0
0
8
)
P
(
B
S
3R
-A
m
0
82
57
.
53
1
.
05
1
.
07
.
0
0
0
1
)
P
(
B
S
3R
-A
m
0
0
19
25
.
31
2
.
04
2
.
05
.
0
5
2
1
)
P
(
B
S
3R
-A
m
5
2
16
17
.
22
3
.
07
3
.
06
.
0
0
6
1
)
P
(
B
S
3R
-A
m
0
6
11
13
.
20
5
.
08
5
.
06
.
0
0
0
2
)
P
(
B
S
3R
-A
m
0
0
23
.
89
.
17
7
.
01
9
.
06
.
0
0
5
2
)
P
(
B
S
3R
-A
m
0
5
26
.
56
.
10
2
.
12
4
.
16
.
0
0
0
3
)
P
(
B
S
3R
-A
m
0
0
38
.
33
.
15
8
.
12
2
.
27
.
0
5
7
3
)
P
(
B
S
3R
-A
m
5
7
35
.
21
.
11
6
.
25
1
.
31
7
.
0
0
0
5
)
P
(
B
S
3R
-A
m
0
0
54
.
19
.
03
4
.
41
4
.
55
7
.
0
0
5
7
)
P
(
B
S
3R
-A
m
0
5
77
.
07
6
.
07
.
81
.
0
13
8
.
0
1
)
P
(
B
S
3R
-A
14
.
04
5
.
04
.
6
16
.
0
28
8
.
0
5
2
.
1
)
P
(
B
S
3R
-A
5
2
.
14
2
.
05
.
04
.
5
23
.
2
39
.
0
6
.
1
)
P
(
B
S
3R
-A
6
.
16
1
.
08
3
.
09
30
50
.
1
2
)
P
(
B
S
3R
-A
22
1
.
02
3
.
01
69
70
.
1
5
.
2
)
P
(
B
S
3R
-A
5
.
28
0
.
07
2
.
04
93
2
11
.
1
3
)
P
(
B
S
3R
-A
37
0
.
02
2
.
06
4
12
9
11
.
1
4
)
P
(
B
S
3R
-A
44
0
.
09
1
.
06
2
20
0
32
.
1
5
)
P
(
B
S
3R
-A
53
0
.
06
1
.
09
4
39
6
43
.
1
6
)
P
(
B
S
3R
-A
62
0
.
06
1
.
06
8
25
5
46
.
1
7
)
P
(
B
S
3R
-A
76
1
0
.
06
1
.
02
7
32
9
58
.
1
8
)
P
(
B
S
3R
-A
84
1
0
.
05
1
.
03
8
49
6
79
.
1
0
1
)
P
(
B
S
3R
-A
0
10
1
0
.
04
1
.
07
1
80
0
3
13
.
2
2
1
)
P
(
B
S
3R
-A
2
18
0
0
.
03
1
.
07
7
2
11
3
0
26
.
2
5
1
)
P
(
B
S
3R
-A
5
16
0
0
.
02
1
.
03
2
1
27
7
3
30
.
3
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
Ty
t
il
i
b
a
.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
A
4
2
6
0
2
E
.
o
N
e
li
F
d
e
t
si
L
/
B
S
3
P
B
S
3
A
m
3
6
.-
-
A
m
3
6
A
1
.
8-
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
8
A
0
0
2
@
C
A
0
5
2
/
A
8
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
5
1
2
7
7
9
3
R
L
.
o
N
e
li
F
d
e
if
it
r
e
C
A
m
3
6
.-
A
1
> .-
A
5
.
3
>
.-
A
1
.
8
.-
A
5
3
@
C
A
V
0
5
2
/
A
1
A
0
0
1
@
C
A
V
0
5
2
/
A
5
.
3
A
0
0
2
@
C
A
V
0
5
2
/
A
8
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
5
1
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
/
B
S
3
P
B
S
3
A
1 .-A
0
0
5
@
C
A
V
5
2
1
/
A
5
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FB
S
3A
5
> .-A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2c
e
s
5c
e
s
0
3
0.250"
± 0.004"
(6.35
± 0.1mm)
1.28"
± 0.03"
(32.5
± 0.8mm)
0.270"
± 0.004"
(6.9
± 0.1mm)
1.5"
± 0.08"
(38.1
± 2mm)
SEE LEAD SIZE LISTED IN “ MATERIAL”
1.25"
± 0.03"
(31.8
± 0.8mm)
u
Approvals
Type 3SB / 3SBP
Slow Blow Fuse Series
Consult manufacturer for other ratings
Mechanical Dimensions
1/4 x 1 1/4 inch Glass Tube
3SBD1005
ESB1005A1
Electrical Characteristics (UL/CSA STD. 248-14)
ußpc
3SBP
3SB
63
p
RoHS Compliant
ß
RoHS Compliant Product
For RoHS Compliant Version, add suffix “R” after catalog number
Operating Temperature
-55ºC to +125ºC
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
Lead wire:
Tin plated Copper,
Diameter 0.032", 5A and less
Diameter 0.040", 6A and above
Marking
On fuse:
“bel”,“3SB”,“Current Rating”,“Voltage Rating”,
“Appropriate Safety Logos”,“✔” (RoHS Version)
On label:
“bel”, “3SB”or “3SBP”,“Current Rating”,“Voltage
Rating”,“Interrupting Rating”,“Appropriate Safety Logos”
and “
”+ suffix “R” for RoHS Version
Voltage on fuse:
250V for 63mA to 8A; 125V for 10A and above
Packaging
1. In bulk:
3SB - 1,000 pcs per box; 3SBP - 500 pcs per box
2. On Axial Tape & Reel:
1,000 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1@ 10mm Pitch and 73mm inside Tape Spacing


Similar Part No. - 3SBP3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
3SBP3-R BEL-3SBP3-R Datasheet
1Mb / 4P
Slow Blow Fuse Series
3SBP300-R BEL-3SBP300-R Datasheet
1Mb / 4P
Slow Blow Fuse Series
3SBP300-R BEL-3SBP300-R Datasheet
1Mb / 4P
3SB/3SBP Series, 6x32mm Slow Blow Fuse
3SBP375-R BEL-3SBP375-R Datasheet
1Mb / 4P
Slow Blow Fuse Series
3SBP375-R BEL-3SBP375-R Datasheet
1Mb / 4P
3SB/3SBP Series, 6x32mm Slow Blow Fuse
More results

Similar Description - 3SBP3

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
GSA63 BEL-GSA63 Datasheet
90Kb / 2P
Slow Blow Fuse Series
5TT BEL-5TT Datasheet
96Kb / 2P
Slow Blow Fuse Series
0602-0061-33 BEL-0602-0061-33 Datasheet
93Kb / 2P
Slow Blow Fuse Series
0606-0062-33 BEL-0606-0062-33 Datasheet
91Kb / 2P
Slow Blow Fuse Series
3SB BEL-3SB_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
5TT BEL-5TT_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
GSA BEL-GSA_13 Datasheet
1Mb / 4P
Slow Blow Fuse Series
3SB BEL-3SB_17 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
5TT BEL-5TT_16 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
GSA BEL-GSA_17 Datasheet
1Mb / 4P
SLOW BLOW FUSE SERIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com