Electronic Components Datasheet Search
  English  ▼

X  

860 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 860
Description  PCB CONNECTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

860 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  860 Datasheet HTML 1Page - Precid-Dip Durtal SA 860 Datasheet HTML 2Page - Precid-Dip Durtal SA 860 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB CONNECTORS
SERIES
860
860-10-NNN-10-001101
Single row
1 mm, Straight solder tail
Ultraminiature PCB pin connectors. Solder tail / SMD
parallel mount.
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Contact
Brass CuZn36Pb3 (C36000)
Connecting pin Ø
0.40 mm
Mechanical life
Min. 500 cycles
Rated current
1 A
Dielectric strength
Min. 500 V RMS
Coplanarity SMD terminations
ORDERING INFORMATION:
PP Plating code
Termination
Connecting pin
10
Gold 0.25 µm
Gold 0.25 µm
NNN number of poles. Replace NNN with the requested number of poles, e.g. 860-10-NNN-10-001101 for a single
row version with 8 pins becomes 860-10-008-10-001101.
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 860

ManufacturerPart #DatasheetDescription
logo
Littelfuse
860 LITTELFUSE-860 Datasheet
82Kb / 1P
Panel Mount, Shocksafe 5x20mm / 6.3x32mm Fuses
logo
Vishay Siliconix
860 VISHAY-860 Datasheet
158Kb / 4P
1 - 13/16” (46mm) Three and Ten Turn Wirewound Precision Potentiometer
16-Jul-03
860 VISHAY-860 Datasheet
83Kb / 4P
(46 mm) Ten Turn Wirewound Potentiometer, Bushing Mount
10-Apr-13
logo
France Joint
860 FRANCEJOINT-860 Datasheet
381Kb / 3P
PTFE SHAFT SEALS
logo
Littelfuse
860 LITTELFUSE-860 Datasheet
530Kb / 2P
Cartridge Fuse Holders Enclosed Fuseholders > Panel/Circuit Board Mounted
05/17/21
More results

Similar Description - 860

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-141-10-0000 CWIND-CWR-141-10-0000 Datasheet
132Kb / 4P
PCB Connectors
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
PCB CONNECTORS
logo
Precid-Dip Durtal SA
714-87-102-31-018101 PREDIP-714-87-102-31-018101 Datasheet
22Kb / 3P
PCB CONNECTORS
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
PCB CONNECTORS
346-87-164-41-036101 PREDIP-346-87-164-41-036101 Datasheet
22Kb / 3P
PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
499-87-264-10-003101 PREDIP-499-87-264-10-003101 Datasheet
23Kb / 3P
PCB CONNECTORS
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
PCB CONNECTORS
861 PREDIP-861 Datasheet
119Kb / 3P
PCB CONNECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com