Electronic Components Datasheet Search
  English  ▼

X  

861 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 861
Description  PCB CONNECTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

861 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  861 Datasheet HTML 1Page - Precid-Dip Durtal SA 861 Datasheet HTML 2Page - Precid-Dip Durtal SA 861 Datasheet HTML 3Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PCB CONNECTORS
SERIES
861
861-PP-NNN-10-001101
Single row
1 mm, Straight solder tail
Ultraminiature PCB socket connectors Solder tail
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Sleeve
Brass CuZn36Pb3 (C36000)
Contact
Clip (4 finger): Beryllium copper (C17200)
Mating pin Ø
0.36 to 0.46 mm
Insertion force
0.25 N typ.
Withdrawal force
0.15 N typ. (polished steel gauge Ø 0.40 mm)
Mechanical life
Min. 500 cycles
Rated current
1 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 500 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
87
Tin
Gold flash
83
Tin
Gold 0.75 µm
NNN number of poles. Replace NNN with the requested number of poles, e.g. 861-87-NNN-10-001101 for a single
row version with 8 pins becomes 861-87-008-10-001101
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 861

ManufacturerPart #DatasheetDescription
logo
Abbatron All Rights Res...
861 ABBATRON-861 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Copyright BG
861 BG-861 Datasheet
5Mb / 6P
SLEEK AND SLIM, WITH SOFTLY ROUNDED CORNERS AND GENTLY CURVED ROCKERS, NEXUS COMBINES SUPERIOR QUALITY WITH STUNNING GOOD LOOK SAND EASY INSTALLATION.
logo
Qualtek Electronics Cor...
861-06-001 QUALTEK-861-06-001 Datasheet
261Kb / 1P
EMI FILTER
861-06/001 QUALTEK-861-06/001 Datasheet
261Kb / 1P
EMI FILTER
logo
Mill-Max Mfg. Corp.
861-13-050-10-002000 MILL-MAX-861-13-050-10-002000 Datasheet
134Kb / 2P
Interconnect Socket 1mm Grid; Straight Socket
More results

Similar Description - 861

ManufacturerPart #DatasheetDescription
logo
CW Industries
CWR-141-10-0000 CWIND-CWR-141-10-0000 Datasheet
132Kb / 4P
PCB Connectors
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
PCB CONNECTORS
logo
Precid-Dip Durtal SA
714-87-102-31-018101 PREDIP-714-87-102-31-018101 Datasheet
22Kb / 3P
PCB CONNECTORS
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
PCB CONNECTORS
346-87-164-41-036101 PREDIP-346-87-164-41-036101 Datasheet
22Kb / 3P
PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
499-87-264-10-003101 PREDIP-499-87-264-10-003101 Datasheet
23Kb / 3P
PCB CONNECTORS
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
801-87-005-10-001101 PREDIP-801-87-005-10-001101 Datasheet
23Kb / 3P
PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
PCB CONNECTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com