Electronic Components Datasheet Search
  English  ▼

X  

AONS21113 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AONS21113
Description  20V P-Channel MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AONS21113 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AONS21113 Datasheet HTML 1Page - Alpha & Omega Semiconductors AONS21113 Datasheet HTML 2Page - Alpha & Omega Semiconductors AONS21113 Datasheet HTML 3Page - Alpha & Omega Semiconductors AONS21113 Datasheet HTML 4Page - Alpha & Omega Semiconductors AONS21113 Datasheet HTML 5Page - Alpha & Omega Semiconductors AONS21113 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AONS21113
Symbol
Min
Typ
Max
Units
BVDSS
-20
V
VDS=-20V, VGS=0V
-1
TJ=55°C
-5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
-0.3
-0.7
-1.1
V
1.7
2.2
TJ=125°C
2.2
2.8
1.9
2.5
mΩ
2.5
3.6
mΩ
gFS
150
S
VSD
-0.6
-1
V
IS
-70
A
Ciss
18700
pF
Coss
2050
pF
Crss
1880
pF
Rg
2.6
5.2
Ω
Qg(10V)
390
550
nC
Qg(4.5V)
180
260
nC
Qgs
26
nC
Qgd
48
nC
tD(on)
12
ns
tr
45
ns
tD(off)
530
ns
tf
125
ns
trr
68
ns
Qrr
280
nC
APPLICATIONS OR USES AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT
ASSUME ANY LIABILITY ARISING OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO MAKE
CHANGES TO PRODUCT SPECIFICATIONS WITHOUT NOTICE. IT IS THE RESPONSIBILITY OF THE CUSTOMER TO EVALUATE
SUITABILITY OF THE PRODUCT FOR THEIR INTENDED APPLICATION. CUSTOMER SHALL COMPLY WITH APPLICABLE LEGAL
REQUIREMENTS, INCLUDING ALL APPLICABLE EXPORT CONTROL RULES, REGULATIONS AND LIMITATIONS.
AOS' products are provided subject to AOS' terms and conditions of sale which are set forth at:
http://www.aosmd.com/terms_and_conditions_of_sale
m
Ω
VGS=-10V, VDS=-10V, ID=-20A
Total Gate Charge
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Gate resistance
f=1MHz
IDSS
μA
Zero Gate Voltage Drain Current
Drain-Source Breakdown Voltage
ID=-250mA, VGS=0V
RDS(ON)
Gate Source Charge
Gate Drain Charge
Total Gate Charge
SWITCHING PARAMETERS
VGS=-10V, ID=-20A
VGS=-4.5V, ID=-20A
Reverse Transfer Capacitance
VGS=0V, VDS=-10V, f=1MHz
VDS=VGS, ID=-250mA
Output Capacitance
Forward Transconductance
IS=-1A, VGS=0V
VDS=-5V, ID=-20A
Static Drain-Source On-Resistance
VDS=0V, VGS=±12V
Maximum Body-Diode Continuous Current
G
Input Capacitance
Gate-Body leakage current
Diode Forward Voltage
DYNAMIC PARAMETERS
VGS=-2.5V, ID=-20A
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=-20A, di/dt=500A/ms
Turn-Off DelayTime
Turn-Off Fall Time
VGS=-10V, VDS=-10V, RL=0.75W,
RGEN=3W
IF=-20A, di/dt=500A/ms
Turn-On Rise Time
Turn-On DelayTime
A. The value of RqJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with TA =25°C. The Power
dissipation P
DSM is based on R
qJA t≤ 10s and the maximum allowed junction temperature of 150°C. The value in any given application depends on
the user's specific board design.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper dissipation
limit for cases where additional heatsinking is used.
C. Single pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RqJA is the sum of the thermal impedance from junction to case RqJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
ms pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming a
maximum junction temperature of T
J(MAX)=150°C. The SOA curve provides a single pulse rating.
G. The maximum current rating is package limited.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev.3.0: June 2020
www.aosmd.com
Page 2 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com