Electronic Components Datasheet Search
  English  ▼

X  

74HC4510 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC4510
Description  BCD up/down counter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4510 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC4510 Datasheet HTML 4Page - NXP Semiconductors 74HC4510 Datasheet HTML 5Page - NXP Semiconductors 74HC4510 Datasheet HTML 6Page - NXP Semiconductors 74HC4510 Datasheet HTML 7Page - NXP Semiconductors 74HC4510 Datasheet HTML 8Page - NXP Semiconductors 74HC4510 Datasheet HTML 9Page - NXP Semiconductors 74HC4510 Datasheet HTML 10Page - NXP Semiconductors 74HC4510 Datasheet HTML 11Page - NXP Semiconductors 74HC4510 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
December 1990
8
Philips Semiconductors
Product specification
BCD up/down counter
74HC/HCT4510
DC CHARACTERISTICS FOR 74HCT
For the DC characteristics see
“74HC/HCT/HCU/HCMOS Logic Family Specifications”.
Output capability: standard
ICC category: MSI
Note to HCT types
The value of additional quiescent supply current (
∆ICC) for a unit load of 1 is given in the family specifications.
To determine
∆ICC per input, multiply this value by the unit load coefficient shown in the table below
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL = 50 pF
INPUT
UNIT LOAD COEFFICIENT
Dn
PL, CE
UP/DN
CP
MR
0.75
1.00
1.00
1.25
1.50
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85
−40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CP to Qn
27
50
63
75
ns
4.5
Fig.7
tPHL
propagation delay
MR to Qn
25
42
53
63
ns
4.5
Fig.10
tPLH/ tPHL
propagation delay
PL to Qn
28
53
66
80
ns
4.5
Fig.9
tPHL/ tPLH
propagation delay
CP to TC
29
58
73
87
ns
4.5
Fig.7
tPHL/ tPLH
propagation delay
CE to TC
17
31
39
47
ns
4.5
Fig.8
tPLH
propagation delay
MR to TC
31
50
63
75
ns
4.5
Fig.10
tPHL/ tPLH
propagation delay
PL to TC
35
68
85
102
ns
4.5
Fig.10
tTHL/ tTLH
output transition time
7
15
19
22
ns
4.5
Fig.9
tW
pulse width CP, CE
HIGH or LOW
16
9
20
24
ns
4.5
Fig.7
tW
parallel load pulse
width
HIGH
16
6
20
24
ns
4.5
Fig.10
tW
master reset pulse
width
HIGH
20
4
25
30
ns
4.5
Fig.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com